Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 148 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 148 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 144Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 145Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 146Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 147Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 148Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 149Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
148
H5GQ2H24AFR
PARAMETER a, b
SYMBOL
5.0Gbps
4.0Gbps
UNIT
NOTES
MIN
MAX
MIN
MAX
DQ/DBI# data input valid
window
PLL on
tDIVW
0.15
-
0.17
-
ns
y,z,ab
PLL off
0.15
-
0.17
-
DQ/DBI# input skew within double byte
tDQDQI
-0.1
0.1
-0.1
0.1
ns
ac
DQ/DBI#/EDC output skew within double byte
tDQDQO
-0.125
0.125
-0.125
0.125
ns
ad
Row Access Timings
Active to Active command period
tRC
48
-
48
-
ns
Active to PRECHARGE command period
tRAS
32
9*tREFI
32
9*tREFI
ns
ae
Active to READ command delay
tRCDRD
18
-
18
-
ns
Active to WRITE command delay
tRCDWR
14
-
14
-
ns
Active to RDTR command delay
tRCDRTR
16
-
16
-
ns
Active to WRTR command delay
tRCDWTR
14
-
14
-
ns
Active to LDFF command delay
tRCDLTR
14
-
14
-
ns
REFRESH to RDTR or WRTR command delay
tREFTR
14
-
14
-
ns
Active bank A to Active bank B command delay same
bank group
tRRDL
7
-
7
-
ns
af
Active bank A to Active bank B command delay
different bank groups
tRRDS
7
-
7
-
ns
ag
Four bank activate window
tFAW
30
-
30
-
ns
ah
Thirty two bank activate window
t32AW
245
-
245
-
ns
ai
READ to PRECHARGE command delay same bank
with bank groups enabled
tRTPL
2
-
2
-
tCK
aj
READ to PRECHARGE command delay same bank
with bank groups disabled
tRTPS
2
-
2
-
tCK
ak
PRECHARGE to PRECHARGE command delay
tPPD
1
-
1
-
ns
PRECHARGE command period
tRP
16
-
16
-
ns
WRITE recovery time
tWR
16
-
16
-
ns
Auto precharge write recovery + precharge time
tDAL
32
-
32
-
ns
al
Column Access Timings
RD/WR bank A to RD/WR bank B command delay
same bank group
tCCDL
3
-
3
-
tCK
af,am
RD/WR bank A to RD/WR bank B command delay
different bank groups
tCCDS
2
-
2
-
tCK
ag,an
Table 44. AC Timings (@1.35V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com