Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 149 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 149 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 145Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 146Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 147Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 148Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 149Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 153Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
149
H5GQ2H24AFR
PARAMETER a, b
SYMBOL
5.0Gbps
4.0Gbps
UNIT
NOTES
MIN
MAX
MIN
MAX
LDFF to LDFF command cycle time
tLTLTR
4
-
4
-
tCK
LDFF(111) to LDFF command cycle time
tLTL7TR
4
-
4
-
tCK
ao
LDFF(111) to RDTR command cycle delay
tLTRTR
4
-
4
-
tCK
READ or RDTR to LDFF command delay
tRDTLT
4
-
4
-
tCK
WRITE to LDFF command delay
tWRTLT
WL+5
-
WL+5
-
tCK
WRTR to RDTR command delay
tWTRTR
WL+
BL/4+1
-tWLmin
-
WL+
BL/4+1
-tWLmin
-tCK
ay
WRITE to WRTR command delay
tWRWTR
WL+tCRCWL+2
-
WL+tCRCWL+2
-
tCK
Internal WRITE to READ command delay same bank
group
tWTRL
1*tCK + 5ns
-
1*tCK + 5ns
-
af
Internal WRITE to READ command delay different
bank groups
tWTRS
1*tCK + 5ns
-
1*tCK + 5ns
-
ag
READ or RDTR to WRITE or WRTR command
delay
tRTW
[CLmrs+(BL/4)+2-
WLmrs]*tCK
-
[CLmrs+(BL/4)+2-
WLmrs]*tCK
-
tCK
ap
Write Latency
tWL
3737
tCK
aq
Power-Down and Refresh Timings
CKE# min high and low pulse width
tCKE
13
-
10
-
tCK
Valid CK Clock required after self refresh entry
tCKSRE
13
-
10
-
tCK
Valid CK Clock required before self refresh exit
tCKSRX
13
-
10
-
tCK
READ to SELF REFRESH ENTRY or POWER
DOWN ENTRY command delay
tRDSRE
CL+2tCK
-
CL+2tCK
-
tCK
ar
WRITE to SELF REFRESH ENTRY or POWER
DOWN ENTRY command delay
tWRSRE
WL+ BL/4 + 1tck +
Max(tDAL,
CRCWL+2tck)
-
WL+ BL/4 + 1tck +
Max(tDAL,
CRCWL+2tck)
-tCK
as
REFRESH command period
tRFC
120
-
120
-
ns
Exit self refresh to non-READ/WRITE command
delay
tXSNRW
tRFC
-
tRFC
-
ns
Exit self refresh to READ/WRITE command delay
tXSRW
tRFC+
tRCD
-
tRFC+
tRCD
-tCK
at
Refresh period
tREF
-
32
-
32
ms
Average periodic refresh
interval
8k rows
tREFI
-3.9
-3.9
us
au
16k rows
-1.9
-1.9
Min Power down entry to exit time
tPD
12
11
tCK
Table 44. AC Timings (@1.35V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com