Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 175 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 175 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 171Page - Microchip Technology ATMEGA640 Datasheet HTML 172Page - Microchip Technology ATMEGA640 Datasheet HTML 173Page - Microchip Technology ATMEGA640 Datasheet HTML 174Page - Microchip Technology ATMEGA640 Datasheet HTML 175Page - Microchip Technology ATMEGA640 Datasheet HTML 176Page - Microchip Technology ATMEGA640 Datasheet HTML 177Page - Microchip Technology ATMEGA640 Datasheet HTML 178Page - Microchip Technology ATMEGA640 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 436 page
background image
175
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
At the very start of period 2 in Figure 20-5 on page 174 OCnx has a transition from high to low even though there is
no Compare Match. The point of this transition is to guarantee symmetry around BOTTOM. There are two cases
that give a transition without Compare Match.
•
OCR2A changes its value from MAX, like in Figure 20-5 on page 174. When the OCR2A value is MAX the OCn
pin value is the same as the result of a down-counting compare match. To ensure symmetry around BOTTOM
the OCn value at MAX must correspond to the result of an up-counting Compare Match.
•
The timer starts counting from a value higher than the one in OCR2A, and for that reason misses the Compare
Match and hence the OCn change that would have happened on the way up.
20.5 Output Compare Unit
The 8-bit comparator continuously compares TCNT2 with the Output Compare Register (OCR2A and OCR2B).
Whenever TCNT2 equals OCR2A or OCR2B, the comparator signals a match. A match will set the Output Com-
pare Flag (OCF2A or OCF2B) at the next timer clock cycle. If the corresponding interrupt is enabled, the Output
Compare Flag generates an Output Compare interrupt. The Output Compare Flag is automatically cleared when
the interrupt is executed. Alternatively, the Output Compare Flag can be cleared by software by writing a logical
one to its I/O bit location. The Waveform Generator uses the match signal to generate an output according to oper-
ating mode set by the WGM22:0 bits and Compare Output mode (COM2x1:0) bits. The max and bottom signals
are used by the Waveform Generator for handling the special cases of the extreme values in some modes of oper-
ation (see “Modes of Operation” on page 171).
Figure 20-6 shows a block diagram of the Output Compare unit.
Figure 20-6. Output Compare Unit, Block Diagram
The OCR2x Register is double buffered when using any of the Pulse Width Modulation (PWM) modes. For the Nor-
mal and Clear Timer on Compare (CTC) modes of operation, the double buffering is disabled. The double buffering
synchronizes the update of the OCR2x Compare Register to either top or bottom of the counting sequence. The
synchronization prevents the occurrence of odd-length, non-symmetrical PWM pulses, thereby making the output
glitch-free.
The OCR2x Register access may seem complex, but this is not case. When the double buffering is enabled, the
CPU has access to the OCR2x Buffer Register, and if double buffering is disabled the CPU will access the OCR2x
directly.
OCFnx (Int.Req.)
= (8-bit Comparator )
OCRnx
OCnx
DATA BUS
TCNTn
WGMn1:0
Waveform Generator
top
FOCn
COMnX1:0
bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com