Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 81 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 81 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 77Page - Microchip Technology ATMEGA640 Datasheet HTML 78Page - Microchip Technology ATMEGA640 Datasheet HTML 79Page - Microchip Technology ATMEGA640 Datasheet HTML 80Page - Microchip Technology ATMEGA640 Datasheet HTML 81Page - Microchip Technology ATMEGA640 Datasheet HTML 82Page - Microchip Technology ATMEGA640 Datasheet HTML 83Page - Microchip Technology ATMEGA640 Datasheet HTML 84Page - Microchip Technology ATMEGA640 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 436 page
background image
81
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
•INT3/TXD1 – Port D, Bit 3
INT3, External Interrupt source 3: The PD3 pin can serve as an external interrupt source to the MCU.
TXD1, Transmit Data (Data output pin for the USART1). When the USART1 Transmitter is enabled, this pin is con-
figured as an output regardless of the value of DDD3.
•INT2/RXD1 – Port D, Bit 2
INT2, External Interrupt source 2. The PD2 pin can serve as an External Interrupt source to the MCU.
RXD1, Receive Data (Data input pin for the USART1). When the USART1 receiver is enabled this pin is configured
as an input regardless of the value of DDD2. When the USART forces this pin to be an input, the pull-up can still be
controlled by the PORTD2 bit.
•INT1/SDA – Port D, Bit 1
INT1, External Interrupt source 1. The PD1 pin can serve as an external interrupt source to the MCU.
SDA, 2-wire Serial Interface Data: When the TWEN bit in TWCR is set (one) to enable the 2-wire Serial Interface,
pin PD1 is disconnected from the port and becomes the Serial Data I/O pin for the 2-wire Serial Interface. In this
mode, there is a spike filter on the pin to suppress spikes shorter than 50ns on the input signal, and the pin is
driven by an open drain driver with slew-rate limitation.
•INT0/SCL – Port D, Bit 0
INT0, External Interrupt source 0. The PD0 pin can serve as an external interrupt source to the MCU.
SCL, 2-wire Serial Interface Clock: When the TWEN bit in TWCR is set (one) to enable the 2-wire Serial Interface,
pin PD0 is disconnected from the port and becomes the Serial Clock I/O pin for the 2-wire Serial Interface. In this
mode, there is a spike filter on the pin to suppress spikes shorter than 50ns on the input signal, and the pin is
driven by an open drain driver with slew-rate limitation.
Table 13-13 on page 81 and Table 13-14 on page 82 relates the alternate functions of Port D to the overriding sig-
nals shown in Figure 13-5 on page 73.
Table 13-13. Overriding Signals for Alternate Functions PD7:PD4
Signal Name
PD7/T0
PD6/T1
PD5/XCK1
PD4/ICP1
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
XCK1 OUTPUT ENABLE
0
DDOV
0
0
1
0
PVOE
0
0
XCK1 OUTPUT ENABLE
0
PVOV
0
0
XCK1 OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
T0 INPUT
T1 INPUT
XCK1 INPUT
ICP1 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com