Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 82 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 82 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 78Page - Microchip Technology ATMEGA640 Datasheet HTML 79Page - Microchip Technology ATMEGA640 Datasheet HTML 80Page - Microchip Technology ATMEGA640 Datasheet HTML 81Page - Microchip Technology ATMEGA640 Datasheet HTML 82Page - Microchip Technology ATMEGA640 Datasheet HTML 83Page - Microchip Technology ATMEGA640 Datasheet HTML 84Page - Microchip Technology ATMEGA640 Datasheet HTML 85Page - Microchip Technology ATMEGA640 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 436 page
background image
82
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. When enabled, the 2-wire Serial Interface enables Slew-Rate controls on the output pins PD0 and PD1. This is not
shown in this table. In addition, spike filters are connected between the AIO outputs shown in the port figure and
the digital logic of the TWI module.
13.3.5
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 13-15.
Note:
1. Only for ATmega1281/2561. For ATmega640/1280/2560 these functions are placed on MISO/MOSI pins.
Table 13-14. Overriding Signals for Alternate Functions in PD3:PD0(1)
Signal Name
PD3/INT3/TXD1
PD2/INT2/RXD1
PD1/INT1/SDA
PD0/INT0/SCL
PUOE
TXEN1
RXEN1
TWEN
TWEN
PUOV
0
PORTD2 • PUD
PORTD1 • PUD
PORTD0 • PUD
DDOE
TXEN1
RXEN1
TWEN
TWEN
DDOV
1
0
SDA_OUT
SCL_OUT
PVOE
TXEN1
0
TWEN
TWEN
PVOV
TXD1
0
0
0
DIEOE
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DIEOV
1
1
1
1
DI
INT3 INPUT
INT2 INPUT/RXD1
INT1 INPUT
INT0 INPUT
AIO
–
–
SDA INPUT
SCL INPUT
Table 13-15. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE7
INT7/ICP3/CLK0
(External Interrupt 7 Input, Timer/Counter3 Input Capture Trigger or Divided System Clock)
PE6
INT6/ T3
(External Interrupt 6 Input or Timer/Counter3 Clock Input)
PE5
INT5/OC3C
(External Interrupt 5 Input or Output Compare and PWM Output C for Timer/Counter3)
PE4
INT4/OC3B
(External Interrupt4 Input or Output Compare and PWM Output B for Timer/Counter3)
PE3
AIN1/OC3A
(Analog Comparator Negative Input or Output Compare and PWM Output A for Timer/Counter3)
PE2
AIN0/XCK0
(Analog Comparator Positive Input or USART0 external clock input/output)
PE1
PDO(1)/TXD0
(Programming Data Output or USART0 Transmit Pin)
PE0
PDI(1)/RXD0/PCINT8
(Programming Data Input, USART0 Receive Pin or Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com