Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 90 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 90 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 86Page - Microchip Technology ATMEGA640 Datasheet HTML 87Page - Microchip Technology ATMEGA640 Datasheet HTML 88Page - Microchip Technology ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology ATMEGA640 Datasheet HTML 92Page - Microchip Technology ATMEGA640 Datasheet HTML 93Page - Microchip Technology ATMEGA640 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 436 page
background image
90
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.9
Alternate Functions of Port J
The Port J alternate pin configuration is as follows:
• PCINT15:12 - Port J, Bit 6:3
PCINT15:12, Pin Change Interrupt Source 15:12. The PJ6:3 pins can serve as External Interrupt Sources.
• XCK2/PCINT11 - Port J, Bit 2
XCK2, USART 2 External Clock. The Data Direction Register (DDJ2) controls whether the clock is output (DDJ2
set) or input (DDJ2 cleared). The XCK2 pin is active only when the USART2 operates in synchronous mode.
PCINT11, Pin Change Interrupt Source 11. The PJ2 pin can serve as External Interrupt Sources.
• TXD3/PCINT10 - Port J, Bit 1
TXD3, USART3 Transmit pin.
PCINT10, Pin Change Interrupt Source 10. The PJ1 pin can serve as External Interrupt Sources.
Table 13-26. Overriding Signals for Alternate Functions in PH3:PH0
Signal Name
PH3/OC4A
PH2/XCK2
PH1/TXD2
PH0/RXD2
PUOE
0
0
TXEN2
RXEN2
PUOV
000
PORTH0 • PUD
DDOE
0
XCK2 OUTPUT
ENABLE
TXEN2
RXEN2
DDOV
0110
PVOE
OC4A ENABLE
XCK2 OUTPUT
ENABLE
TXEN2
0
PVOV
OC4A
XCK2
TXD2
0
PTOE
––––
DIEOE
0000
DIEOV
0000
DI
0
XC2K INPUT
0
RXD2
AIO
––––
Table 13-27. Port J Pins Alternate Functions
Port Pin
Alternate Function
PJ7
–
PJ6
PCINT15 (Pin Change Interrupt 15)
PJ5
PCINT14 (Pin Change Interrupt 14)
PJ4
PCINT13 (Pin Change Interrupt 13)
PJ3
PCINT12 (Pin Change Interrupt 12)
PJ2
XCK3/PCINT11 (USART3 External Clock or Pin Change Interrupt 11)
PJ1
TXD3/PCINT10 (USART3 Transmit Pin or Pin Change Interrupt 10)
PJ0
RXD3/PCINT9 (USART3 Receive Pin or Pin Change Interrupt 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com