Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 16 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 12Page - Microchip Technology ATMEGA640 Datasheet HTML 13Page - Microchip Technology ATMEGA640 Datasheet HTML 14Page - Microchip Technology ATMEGA640 Datasheet HTML 15Page - Microchip Technology ATMEGA640 Datasheet HTML 16Page - Microchip Technology ATMEGA640 Datasheet HTML 17Page - Microchip Technology ATMEGA640 Datasheet HTML 18Page - Microchip Technology ATMEGA640 Datasheet HTML 19Page - Microchip Technology ATMEGA640 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 436 page
background image
16
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
7.6.1
RAMPZ – Extended Z-pointer Register for ELPM/SPM
For ELPM/SPM instructions, the Z-pointer is a concatenation of RAMPZ, ZH, and ZL, as shown in Figure 7-4. Note
that LPM is not affected by the RAMPZ setting.
Figure 7-4.
The Z-pointer used by ELPM and SPM
The actual number of bits is implementation dependent. Unused bits in an implementation will always read as zero.
For compatibility with future devices, be sure to write these bits to zero.
7.6.2
EIND – Extended Indirect Register
For EICALL/EIJMP instructions, the Indirect-pointer to the subroutine/routine is a concatenation of EIND, ZH, and
ZL, as shown in Figure 7-5. Note that ICALL and IJMP are not affected by the EIND setting.
Figure 7-5.
The Indirect-pointer used by EICALL and EIJMP
The actual number of bits is implementation dependent. Unused bits in an implementation will always read as zero.
For compatibility with future devices, be sure to write these bits to zero.
7.7
Instruction Execution Timing
This section describes the general access timing concepts for instruction execution. The AVR CPU is driven by the
CPU clock clkCPU, directly generated from the selected clock source for the chip. No internal clock division is used.
Figure 7-6 on page 17 shows the parallel instruction fetches and instruction executions enabled by the Harvard
architecture and the fast-access Register File concept. This is the basic pipelining concept to obtain up to 1 MIPS
per MHz with the corresponding unique results for functions per cost, functions per clocks, and functions per
power-unit.
Bit
76543
2
1
0
0x3B (0x5B)
RAMPZ7
RAMPZ6
RAMPZ5
RAMPZ4
RAMPZ3
RAMPZ2
RAMPZ1
RAMPZ0
RAMPZ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000
0
0
0
Bit
(Individually)
70
7
0
7
0
RAMPZ
ZH
ZL
Bit (Z-pointer)
23
16
15
8
7
0
Bit
765
432
1
0
0x3C (0x5C)
EIND7
EIND6
EIND5
EIND4
EIND3
EIND2
EIND1
EIND0
EIND
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
(Individually)
70
7
0
7
0
EIND
ZH
ZL
Bit
(Indirect-
pointer)
23
16
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com