Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 38 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 38 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 34Page - Microchip Technology ATMEGA640 Datasheet HTML 35Page - Microchip Technology ATMEGA640 Datasheet HTML 36Page - Microchip Technology ATMEGA640 Datasheet HTML 37Page - Microchip Technology ATMEGA640 Datasheet HTML 38Page - Microchip Technology ATMEGA640 Datasheet HTML 39Page - Microchip Technology ATMEGA640 Datasheet HTML 40Page - Microchip Technology ATMEGA640 Datasheet HTML 41Page - Microchip Technology ATMEGA640 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 436 page
background image
38
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
9.4.2
XMCRB – External Memory Control Register B
• Bit 7– XMBK: External Memory Bus-keeper Enable
Writing XMBK to one enables the bus keeper on the AD7:0 lines. When the bus keeper is enabled, AD7:0 will keep
the last driven value on the lines even if the XMEM interface has tri-stated the lines. Writing XMBK to zero disables
the bus keeper. XMBK is not qualified with SRE, so even if the XMEM interface is disabled, the bus keepers are
still activated as long as XMBK is one.
• Bit 6:3 – Res: Reserved Bits
These bits are reserved and will always read as zero. When writing to this address location, write these bits to zero
for compatibility with future devices.
• Bit 2:0 – XMM2, XMM1, XMM0: External Memory High Mask
When the External Memory is enabled, all Port C pins are default used for the high address byte. If the full
60Kbytes address space is not required to access the External Memory, some, or all, Port C pins can be released
for normal Port Pin function as described in Table 9-4. As described in “Using all 64Kbytes Locations of External
Memory” on page 32, it is possible to use the XMMn bits to access all 64Kbytes locations of the External Memory.
Bit
7
65
4
3
210
(0x75)
XMBK
–
–
–
–
XMM2
XMM1
XMM0
XMCRB
Read/Write
R/W
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 9-4.
Port C Pins Released as Normal Port Pins when the External Memory is Enabled
XMM2
XMM1
XMM0
# Bits for External Memory Address
Released Port Pins
0
0
0
8 (Full 56Kbytes space)
None
001
7
PC7
010
6
PC7 - PC6
011
5
PC7 - PC5
100
4
PC7 - PC4
101
3
PC7 - PC3
110
2
PC7 - PC2
1
1
1
No Address high bits
Full Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com