Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 76 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 76 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 72Page - Microchip Technology ATMEGA640 Datasheet HTML 73Page - Microchip Technology ATMEGA640 Datasheet HTML 74Page - Microchip Technology ATMEGA640 Datasheet HTML 75Page - Microchip Technology ATMEGA640 Datasheet HTML 76Page - Microchip Technology ATMEGA640 Datasheet HTML 77Page - Microchip Technology ATMEGA640 Datasheet HTML 78Page - Microchip Technology ATMEGA640 Datasheet HTML 79Page - Microchip Technology ATMEGA640 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 436 page
background image
76
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 13-6.
The alternate pin configuration is as follows:
• OC0A/OC1C/PCINT7, Bit 7
OC0A, Output Compare Match A output: The PB7 pin can serve as an external output for the Timer/Counter0 Out-
put Compare. The pin has to be configured as an output (DDB7 set “one”) to serve this function. The OC0A pin is
also the output pin for the PWM mode timer function.
OC1C, Output Compare Match C output: The PB7 pin can serve as an external output for the Timer/Counter1 Out-
put Compare C. The pin has to be configured as an output (DDB7 set (one)) to serve this function. The OC1C pin
is also the output pin for the PWM mode timer function.
PCINT7, Pin Change Interrupt source 7: The PB7 pin can serve as an external interrupt source.
Table 13-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal Name
PA3/AD3
PA2/AD2
PA1/AD1
PA0/AD0
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR | ADA) • PORTA3
• PUD
~(WR | ADA) • PORTA2
• PUD
~(WR | ADA) • PORTA1
• PUD
~(WR | ADA) • PORTA0
• PUD
DDOE
SRE
SRE
SRE
SRE
DDOV
WR | ADA
WR | ADA
WR | ADA
WR | ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
A3 • ADA | D3 OUTPUT
• WR
A2• ADA | D2 OUTPUT
• WR
A1 • ADA | D1 OUTPUT
• WR
A0 • ADA | D0 OUTPUT
• WR
DIEOE
000
0
DIEOV
000
0
DI
D3 INPUT
D2 INPUT
D1 INPUT
D0 INPUT
AIO
–––
–
Table 13-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC0A/OC1C/PCINT7 (Output Compare and PWM Output A for Timer/Counter0, Output Compare and
PWM Output C for Timer/Counter1 or Pin Change Interrupt 7)
PB6
OC1B/PCINT6 (Output Compare and PWM Output B for Timer/Counter1 or Pin Change Interrupt 6)
PB5
OC1A/PCINT5 (Output Compare and PWM Output A for Timer/Counter1 or Pin Change Interrupt 5)
PB4
OC2A/PCINT4 (Output Compare and PWM Output A for Timer/Counter2 or Pin Change Interrupt 4)
PB3
MISO/PCINT3 (SPI Bus Master Input/Slave Output or Pin Change Interrupt 3)
PB2
MOSI/PCINT2 (SPI Bus Master Output/Slave Input or Pin Change Interrupt 2)
PB1
SCK/PCINT1 (SPI Bus Serial Clock or Pin Change Interrupt 1)
PB0
SS/PCINT0 (SPI Slave Select input or Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com