Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 1 Page - Microchip Technology

  ATMEGA640 Datasheet HTML 1Page - Microchip Technology ATMEGA640 Datasheet HTML 2Page - Microchip Technology ATMEGA640 Datasheet HTML 3Page - Microchip Technology ATMEGA640 Datasheet HTML 4Page - Microchip Technology ATMEGA640 Datasheet HTML 5Page - Microchip Technology ATMEGA640 Datasheet HTML 6Page - Microchip Technology ATMEGA640 Datasheet HTML 7Page - Microchip Technology ATMEGA640 Datasheet HTML 8Page - Microchip Technology ATMEGA640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 436 page
background image
2549Q–AVR–02/2014
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 135 Powerful Instructions – Most Single Clock Cycle Execution
– 32 × 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16MHz
– On-Chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
– 64K/128K/256KBytes of In-System Self-Programmable Flash
– 4Kbytes EEPROM
– 8Kbytes Internal SRAM
– Write/Erase Cycles:10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85
C/ 100 years at 25C
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
• Endurance: Up to 64Kbytes Optional External Memory Space
• QTouch® library support
– Capacitive touch buttons, sliders and wheels
– QTouch and QMatrix acquisition
– Up to 64 sense channels
• JTAG (IEEE® std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– Four 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode
– Real Time Counter with Separate Oscillator
– Four 8-bit PWM Channels
– Six/Twelve PWM Channels with Programmable Resolution from 2 to 16 Bits
(ATmega1281/2561, ATmega640/1280/2560)
– Output Compare Modulator
– 8/16-channel, 10-bit ADC (ATmega1281/2561, ATmega640/1280/2560)
– Two/Four Programmable Serial USART (ATmega1281/2561, ATmega640/1280/2560)
– Master/Slave SPI Serial Interface
– Byte Oriented 2-wire Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
• I/O and Packages
– 54/86 Programmable I/O Lines (ATmega1281/2561, ATmega640/1280/2560)
– 64-pad QFN/MLF, 64-lead TQFP (ATmega1281/2561)
– 100-lead TQFP, 100-ball CBGA (ATmega640/1280/2560)
– RoHS/Fully Green
• Temperature Range:
–-40
C to 85C Industrial
• Ultra-Low Power Consumption
– Active Mode: 1MHz, 1.8V: 500µA
– Power-down Mode: 0.1µA at 1.8V
• Speed Grade:
– ATmega640V/ATmega1280V/ATmega1281V:
• 0 - 4MHz @ 1.8V - 5.5V, 0 - 8MHz @ 2.7V - 5.5V
– ATmega2560V/ATmega2561V:
• 0 - 2MHz @ 1.8V - 5.5V, 0 - 8MHz @ 2.7V - 5.5V
– ATmega640/ATmega1280/ATmega1281:
• 0 - 8MHz @ 2.7V - 5.5V, 0 - 16MHz @ 4.5V - 5.5V
– ATmega2560/ATmega2561:
• 0 - 16MHz @ 4.5V - 5.5V
ATmega640/V-1280/V-1281/V-2560/V-2561/V
8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
DATASHEET


Similar Part No. - ATMEGA640

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640 Datasheet
2Mb / 407P
8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
2549A-AVR-03/05
ATMEGA640 ATMEL-ATMEGA640 Datasheet
465Kb / 35P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640 Datasheet
3Mb / 449P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640 Datasheet
1Mb / 38P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA640 ATMEL-ATMEGA640 Datasheet
1Mb / 40P
8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
More results

Similar Description - ATMEGA640

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com