Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 40 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 40 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 36Page - Microchip Technology ATMEGA640 Datasheet HTML 37Page - Microchip Technology ATMEGA640 Datasheet HTML 38Page - Microchip Technology ATMEGA640 Datasheet HTML 39Page - Microchip Technology ATMEGA640 Datasheet HTML 40Page - Microchip Technology ATMEGA640 Datasheet HTML 41Page - Microchip Technology ATMEGA640 Datasheet HTML 42Page - Microchip Technology ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 436 page
background image
40
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
10.2.3
Flash Clock – clkFLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simultaneously with the
CPU clock.
10.2.4
Asynchronous Timer Clock – clkASY
The Asynchronous Timer clock allows the Asynchronous Timer/Counter to be clocked directly from an external
clock or an external 32kHz clock crystal. The dedicated clock domain allows using this Timer/Counter as a real-
time counter even when the device is in sleep mode.
10.2.5
ADC Clock – clkADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks in order to reduce
noise generated by digital circuitry. This gives more accurate ADC conversion results.
10.3 Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown below. The clock from
the selected source is input to the AVR clock generator, and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
10.3.1
Default Clock Source
The device is shipped with internal RC oscillator at 8.0MHz and with the fuse CKDIV8 programmed, resulting in
1.0MHz system clock. The startup time is set to maximum and time-out period enabled. (CKSEL = "0010", SUT =
"10", CKDIV8 = "0"). The default setting ensures that all users can make their desired clock source setting using
any available programming interface.
10.3.2
Clock Start-up Sequence
Any clock source needs a sufficient VCC to start oscillating and a minimum number of oscillating cycles before it
can be considered stable.
To ensure sufficient VCC, the device issues an internal reset with a time-out delay (tTOUT) after the device reset is
released by all other reset sources. “On-chip Debug System” on page 53 describes the start conditions for the
internal reset. The delay (tTOUT) is timed from the Watchdog Oscillator and the number of cycles in the delay is set
by the SUTx and CKSELx fuse bits. The selectable delays are shown in Table 10-2 on page 41. The frequency of
the Watchdog Oscillator is voltage dependent as shown in “Typical Characteristics” on page 373.
Table 10-1.
Device Clocking Options Select(1)
Device Clocking Option
CKSEL3:0
Low Power Crystal Oscillator
1111 - 1000
Full Swing Crystal Oscillator
0111 - 0110
Low Frequency Crystal Oscillator
0101 - 0100
Internal 128kHz RC Oscillator
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com