Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 7 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 3Page - Microchip Technology ATMEGA640 Datasheet HTML 4Page - Microchip Technology ATMEGA640 Datasheet HTML 5Page - Microchip Technology ATMEGA640 Datasheet HTML 6Page - Microchip Technology ATMEGA640 Datasheet HTML 7Page - Microchip Technology ATMEGA640 Datasheet HTML 8Page - Microchip Technology ATMEGA640 Datasheet HTML 9Page - Microchip Technology ATMEGA640 Datasheet HTML 10Page - Microchip Technology ATMEGA640 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 436 page
background image
7
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
2.2
Comparison Between ATmega1281/2561 and ATmega640/1280/2560
Each device in the ATmega640/1280/1281/2560/2561 family differs only in memory size and number of pins. Table
2-1 summarizes the different configurations for the six devices.
2.3
Pin Descriptions
2.3.1
VCC
Digital supply voltage.
2.3.2
GND
Ground.
2.3.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port A also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on
page 75.
2.3.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on
page 76.
2.3.5
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port C also serves the functions of special features of the ATmega640/1280/1281/2560/2561 as listed on page 79.
Table 2-1.
Configuration Summary
Device
Flash
EEPROM
RAM
General
Purpose I/O pins
16 bits resolution
PWM channels
Serial
USARTs
ADC
Channels
ATmega640
64KB
4KB
8KB
86
12
4
16
ATmega1280
128KB
4KB
8KB
86
12
4
16
ATmega1281
128KB
4KB
8KB
54
6
2
8
ATmega2560
256KB
4KB
8KB
86
12
4
16
ATmega2561
256KB
4KB
8KB
54
6
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com