Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 94 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 94 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology ATMEGA640 Datasheet HTML 92Page - Microchip Technology ATMEGA640 Datasheet HTML 93Page - Microchip Technology ATMEGA640 Datasheet HTML 94Page - Microchip Technology ATMEGA640 Datasheet HTML 95Page - Microchip Technology ATMEGA640 Datasheet HTML 96Page - Microchip Technology ATMEGA640 Datasheet HTML 97Page - Microchip Technology ATMEGA640 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 436 page
background image
94
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.11
Alternate Functions of Port L
The Port L alternate pin configuration is as follows:
• OC5C – Port L, Bit 5
OC5C, Output Compare Match C output: The PL5 pin can serve as an external output for the Timer/Counter5 Out-
put Compare C. The pin has to be configured as an output (DDL5 set) to serve this function. The OC5C pin is also
the output pin for the PWM mode timer function.
• OC5B – Port L, Bit 4
OC5B, Output Compare Match B output: The PL4 pin can serve as an external output for the Timer/Counter 5 Out-
put Compare B. The pin has to be configured as an output (DDL4 set) to serve this function. The OC5B pin is also
the output pin for the PWM mode timer function.
• OC5A – Port L, Bit 3
OC5A, Output Compare Match A output: The PL3 pin can serve as an external output for the Timer/Counter 5 Out-
put Compare A. The pin has to be configured as an output (DDL3 set) to serve this function. The OC5A pin is also
the output pin for the PWM mode timer function.
• T5 – Port L, Bit 2
T5, Timer/Counter5 counter source.
• ICP5 – Port L, Bit 1
ICP5, Input Capture Pin 5: The PL1 pin can serve as an Input Capture pin for Timer/Counter5.
• ICP4 – Port L, Bit 0
ICP4, Input Capture Pin 4: The PL0 pin can serve as an Input Capture pin for Timer/Counter4.
Table 13-33. Port L Pins Alternate Functions
Port Pin
Alternate Function
PL7
–
PL6
–
PL5
OC5C (Output Compare and PWM Output C for Timer/Counter5)
PL4
OC5B (Output Compare and PWM Output B for Timer/Counter5)
PL3
OC5A (Output Compare and PWM Output A for Timer/Counter5)
PL2
T5 (Timer/Counter5 Clock Input)
PL1
ICP5 (Timer/Counter5 Input Capture Trigger)
PL0
ICP4 (Timer/Counter4 Input Capture Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com