Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 93 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 93 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology ATMEGA640 Datasheet HTML 92Page - Microchip Technology ATMEGA640 Datasheet HTML 93Page - Microchip Technology ATMEGA640 Datasheet HTML 94Page - Microchip Technology ATMEGA640 Datasheet HTML 95Page - Microchip Technology ATMEGA640 Datasheet HTML 96Page - Microchip Technology ATMEGA640 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 436 page
background image
93
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• ADC15:8/PCINT23:16 – Port K, Bit 7:0
ADC15:8, Analog to Digital Converter, Channel 15 - 8.
PCINT23:16, Pin Change Interrupt Source 23:16. The PK7:0 pins can serve as External Interrupt Sources.
PK4
ADC12/PCINT20 (ADC Input Channel 12 or Pin Change Interrupt 20)
PK3
ADC11/PCINT19 (ADC Input Channel 11 or Pin Change Interrupt 19)
PK2
ADC10/PCINT18 (ADC Input Channel 10 or Pin Change Interrupt 18)
PK1
ADC9/PCINT17 (ADC Input Channel 9 or Pin Change Interrupt 17)
PK0
ADC8 /PCINT16 (ADC Input Channel 8 or Pin Change Interrupt 16)
Table 13-31. Overriding Signals for Alternate Functions in PK7:PK4
Signal Name
PK7/ADC15/PCINT23
PK6/ADC14/PCINT22
PK5/ADC13/PCINT21
PK4/ADC12/PCINT20
PUOE
000
0
PUOV
000
0
DDOE
000
0
DDOV
000
0
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
–––
–
DIEOE
PCINT23 • PCIE2
PCINT22 • PCIE2
PCINT21 • PCIE2
PCINT20 • PCIE2
DIEOV
111
1
DI
PCINT23 INPUT
PCINT22 INPUT
PCINT21 INPUT
PCINT20 INPUT
AIO
ADC15 INPUT
ADC14 INPUT
ADC13 INPUT
ADC12 INPUT
Table 13-32. Overriding Signals for Alternate Functions in PK3:PK0
Signal Name
PK3/ADC11/PCINT19
PK2/ADC10/PCINT18
PK1/ADC9/PCINT17
PK0/ADC8/PCINT16
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
––
––
DIEOE
PCINT19 • PCIE2
PCINT18 • PCIE2
PCINT17 • PCIE2
PCINT16 • PCIE2
DIEOV
1
1
1
1
DI
PCINT19 INPUT
PCINT18 INPUT
PCINT17 INPUT
PCINT16 INPUT
AIO
ADC11 INPUT
ADC10INPUT
ADC9 INPUT
ADC8 INPUT
Table 13-30. Port K Pins Alternate Functions (Continued)
Port Pin
Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com