Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 22 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 18Page - Microchip Technology ATMEGA640 Datasheet HTML 19Page - Microchip Technology ATMEGA640 Datasheet HTML 20Page - Microchip Technology ATMEGA640 Datasheet HTML 21Page - Microchip Technology ATMEGA640 Datasheet HTML 22Page - Microchip Technology ATMEGA640 Datasheet HTML 23Page - Microchip Technology ATMEGA640 Datasheet HTML 24Page - Microchip Technology ATMEGA640 Datasheet HTML 25Page - Microchip Technology ATMEGA640 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 436 page
background image
22
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
8.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The internal data SRAM
access is performed in two clkCPU cycles as described in Figure 8-3.
Figure 8-3.
On-chip Data SRAM Access Cycles
8.3
EEPROM Data Memory
The ATmega640/1280/1281/2560/2561 contains 4Kbytes of data EEPROM memory. It is organized as a separate
data space, in which single bytes can be read and written. The EEPROM has an endurance of at least 100,000
write/erase cycles. The access between the EEPROM and the CPU is described in the following, specifying the
EEPROM Address Registers, the EEPROM Data Register, and the EEPROM Control Register.
For a detailed description of SPI, JTAG and Parallel data downloading to the EEPROM, see “Serial Downloading”
on page 338, “Programming via the JTAG Interface” on page 342, and “Programming the EEPROM” on page 333
respectively.
Figure 8-2.
Data Memory Map
Address (HEX)
0 - 1F
32 Registers
20 - 5F
64 I/O Registers
60 - 1FF
416 External I/O Registers
200
Internal SRAM
(8192 × 8)
21FF
2200
External SRAM
(0 - 64K × 8)
FFFF
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com