Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 87 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 87 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 83Page - Microchip Technology ATMEGA640 Datasheet HTML 84Page - Microchip Technology ATMEGA640 Datasheet HTML 85Page - Microchip Technology ATMEGA640 Datasheet HTML 86Page - Microchip Technology ATMEGA640 Datasheet HTML 87Page - Microchip Technology ATMEGA640 Datasheet HTML 88Page - Microchip Technology ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 436 page
background image
87
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• OC0B – Port G, Bit 5
OC0B, Output Compare match B output: The PG5 pin can serve as an external output for the TImer/Counter0 Out-
put Compare. The pin has to be configured as an output (DDG5 set) to serve this function. The OC0B pin is also
the output pin for the PWM mode timer function.
• TOSC1 – Port G, Bit 4
TOSC2, Timer Oscillator pin 1: When the AS2 bit in ASSR is set (one) to enable asynchronous clocking of
Timer/Counter2, pin PG4 is disconnected from the port, and becomes the input of the inverting Oscillator amplifier.
In this mode, a Crystal Oscillator is connected to this pin, and the pin can not be used as an I/O pin.
• TOSC2 – Port G, Bit 3
TOSC2, Timer Oscillator pin 2: When the AS2 bit in ASSR is set (one) to enable asynchronous clocking of
Timer/Counter2, pin PG3 is disconnected from the port, and becomes the inverting output of the Oscillator ampli-
fier. In this mode, a Crystal Oscillator is connected to this pin, and the pin can not be used as an I/O pin.
• ALE – Port G, Bit 2
ALE is the external data memory Address Latch Enable signal.
• RD – Port G, Bit 1
RD is the external data memory read control strobe.
•WR – Port G, Bit 0
WR is the external data memory write control strobe.
Table 13-22 on page 87 and Table 13-23 on page 88 relates the alternate functions of Port G to the overriding sig-
nals shown in Figure 13-5 on page 73.
Table 13-22. Overriding Signals for Alternate Functions in PG5:PG4
Signal Name
—
—
PG5/OC0B
PG4/TOSC1
PUOE
–
–
–
AS2
PUOV
––
–0
DDOE
–
–
–
AS2
DDOV
–
–
–
0
PVOE
–
–
OC0B Enable
0
PVOV
–
–
OC0B
0
PTOE
––
––
DIEOE
–
–
–
AS2
DIEOV
–
–
–
EXCLK
DI
––
––
AIO
–
–
–
T/C2 OSC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com