Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 47 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 47 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology ATMEGA640 Datasheet HTML 45Page - Microchip Technology ATMEGA640 Datasheet HTML 46Page - Microchip Technology ATMEGA640 Datasheet HTML 47Page - Microchip Technology ATMEGA640 Datasheet HTML 48Page - Microchip Technology ATMEGA640 Datasheet HTML 49Page - Microchip Technology ATMEGA640 Datasheet HTML 50Page - Microchip Technology ATMEGA640 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 436 page
background image
47
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
10.10 Clock Output Buffer
The device can output the system clock on the CLKO pin. To enable the output, the CKOUT Fuse has to be pro-
grammed. This mode is suitable when the chip clock is used to drive other circuits on the system. The clock also
will be output during reset, and the normal operation of I/O pin will be overridden when the fuse is programmed.
Any clock source, including the internal RC Oscillator, can be selected when the clock is output on CLKO. If the
System Clock Prescaler is used, it is the divided system clock that is output.
10.11 Timer/Counter Oscillator
The device can operate its Timer/Counter2 from an external 32.768kHz watch crystal or a external clock source.
See Figure 10-2 on page 41 for crystal connection.
Applying an external clock source to TOSC1 requires EXCLK in the ASSR Register written to logic one. See “Asyn-
chronous Operation of Timer/Counter2” on page 179 for further description on selecting external clock as input
instead of a 32kHz crystal.
10.12 System Clock Prescaler
The ATmega640/1280/1281/2560/2561 has a system clock prescaler, and the system clock can be divided by set-
ting the “CLKPR – Clock Prescale Register” on page 48. This feature can be used to decrease the system clock
frequency and the power consumption when the requirement for processing power is low. This can be used with all
clock source options, and it will affect the clock frequency of the CPU and all synchronous peripherals. clkI/O,
clkADC, clkCPU, and clkFLASH are divided by a factor as shown in Table 10-15 on page 49.
When switching between prescaler settings, the System Clock Prescaler ensures that no glitches occurs in the
clock system. It also ensures that no intermediate frequency is higher than neither the clock frequency correspond-
ing to the previous setting, nor the clock frequency corresponding to the new setting.
The ripple counter that implements the prescaler runs at the frequency of the undivided clock, which may be faster
than the CPU's clock frequency. Hence, it is not possible to determine the state of the prescaler - even if it were
readable, and the exact time it takes to switch from one clock division to the other cannot be exactly predicted.
From the time the CLKPS values are written, it takes between T1 + T2 and T1 + 2 × T2 before the new clock fre-
quency is active. In this interval, 2 active clock edges are produced. Here, T1 is the previous clock period, and T2
is the period corresponding to the new prescaler setting.
To avoid unintentional changes of clock frequency, a special write procedure must be followed to change the
CLKPS bits:
Write the Clock Prescaler Change Enable (CLKPCE) bit to one and all other bits in CLKPR to zero.
Within four cycles, write the desired value to CLKPS while writing a zero to CLKPCE.
Interrupts must be disabled when changing prescaler setting to make sure the write procedure is not interrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com