Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 27 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 23Page - Microchip Technology ATMEGA640 Datasheet HTML 24Page - Microchip Technology ATMEGA640 Datasheet HTML 25Page - Microchip Technology ATMEGA640 Datasheet HTML 26Page - Microchip Technology ATMEGA640 Datasheet HTML 27Page - Microchip Technology ATMEGA640 Datasheet HTML 28Page - Microchip Technology ATMEGA640 Datasheet HTML 29Page - Microchip Technology ATMEGA640 Datasheet HTML 30Page - Microchip Technology ATMEGA640 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 436 page
background image
27
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
9. External Memory Interface
With all the features the External Memory Interface provides, it is well suited to operate as an interface to memory
devices such as External SRAM and Flash, and peripherals such as LCD-display, A/D, and D/A. The main features
are:
• Four different wait-state settings (including no wait-state)
• Independent wait-state setting for different External Memory sectors (configurable sector size)
• The number of bits dedicated to address high byte is selectable
• Bus keepers on data lines to minimize current consumption (optional)
9.1
Overview
When the eXternal MEMory (XMEM) is enabled, address space outside the internal SRAM becomes available
using the dedicated External Memory pins (see Figure 1-3 on page 4, Table 13-3 on page 75, Table 13-9 on page
79, and Table 13-21 on page 86). The memory configuration is shown in Figure 9-1.
Figure 9-1.
External Memory with Sector Select
9.1.1
Using the External Memory Interface
The interface consists of:
•
AD7:0: Multiplexed low-order address bus and data bus
A15:8: High-order address bus (configurable number of bits)
•
ALE: Address latch enable
•RD: Read strobe
•WR: Write strobe
Memory Configuration A
0x0000
0x21FF
External Memory
(0 - 60K x 8)
0xFFFF
Internal memory
SRL[2..0]
SRW11
SRW10
SRW01
SRW00
Lower sector
Upper sector
0x2200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com