Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 75 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 75 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 71Page - Microchip Technology ATMEGA640 Datasheet HTML 72Page - Microchip Technology ATMEGA640 Datasheet HTML 73Page - Microchip Technology ATMEGA640 Datasheet HTML 74Page - Microchip Technology ATMEGA640 Datasheet HTML 75Page - Microchip Technology ATMEGA640 Datasheet HTML 76Page - Microchip Technology ATMEGA640 Datasheet HTML 77Page - Microchip Technology ATMEGA640 Datasheet HTML 78Page - Microchip Technology ATMEGA640 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 436 page
background image
75
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.1
Alternate Functions of Port A
The Port A has an alternate function as the address low byte and data lines for the External Memory Interface.
Table 13-4 and Table 13-5 on page 76 relates the alternate functions of Port A to the overriding signals shown in
Figure 13-5 on page 73.
Note:
1. ADA is short for ADdress Active and represents the time when address is output. See “External Memory Interface”
on page 27 for details.
Table 13-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
AD7 (External memory interface address and data bit 7)
PA6
AD6 (External memory interface address and data bit 6)
PA5
AD5 (External memory interface address and data bit 5)
PA4
AD4 (External memory interface address and data bit 4)
PA3
AD3 (External memory interface address and data bit 3)
PA2
AD2 (External memory interface address and data bit 2)
PA1
AD1 (External memory interface address and data bit 1)
PA0
AD0 (External memory interface address and data bit 0)
Table 13-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal Name
PA7/AD7
PA6/AD6
PA5/AD5
PA4/AD4
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR | ADA(1)) •
PORTA7 • PUD
~(WR | ADA) • PORTA6
• PUD
~(WR | ADA) • PORTA5
• PUD
~(WR | ADA) • PORTA4
• PUD
DDOE
SRE
SRE
SRE
SRE
DDOV
WR | ADA
WR | ADA
WR | ADA
WR | ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
A7 • ADA | D7 OUTPUT
• WR
A6 • ADA | D6 OUTPUT
• WR
A5 • ADA | D5 OUTPUT
• WR
A4 • ADA | D4 OUTPUT
• WR
DIEOE
0
000
DIEOV
0
000
DI
D7 INPUT
D6 INPUT
D5 INPUT
D4 INPUT
AIO
–
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com