Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 10 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 6Page - Microchip Technology ATMEGA640 Datasheet HTML 7Page - Microchip Technology ATMEGA640 Datasheet HTML 8Page - Microchip Technology ATMEGA640 Datasheet HTML 9Page - Microchip Technology ATMEGA640 Datasheet HTML 10Page - Microchip Technology ATMEGA640 Datasheet HTML 11Page - Microchip Technology ATMEGA640 Datasheet HTML 12Page - Microchip Technology ATMEGA640 Datasheet HTML 13Page - Microchip Technology ATMEGA640 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 436 page
background image
10
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
3. Resources
A comprehensive set of development tools and application notes, and datasheets are available for download on
http://www.atmel.com/avr.
4. About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of the device. Be
aware that not all C compiler vendors include bit definitions in the header files and interrupt handling in C is com-
piler dependent. Confirm with the C compiler documentation for more details.
These code examples assume that the part specific header file is included before compilation. For I/O registers
located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI" instructions must be replaced with
instructions that allow access to extended I/O. Typically "LDS" and "STS" combined with "SBRS", "SBRC", "SBR",
and "CBR".
5. Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less than 1 ppm over 20
years at 85°C or 100 years at 25°C.
6. Capacitive touch sensing
The QTouch® Library provides a simple to use solution to realize touch sensitive interfaces on most AVR® micro-
controllers. The QTouch Library includes support for the QTouch and QMatrix acquisition methods.
Touch sensing can be added to any application by linking the appropriate QTouch Library for the AVR Microcon-
troller. This is done by using a simple set of APIs to define the touch channels and sensors, and then calling the
touch sensing API’s to retrieve the channel information and determine the touch sensor states.
The QTouch Library is FREE and downloadable from the Microchip website at the following location:
www.atmel.com/qtouchlibrary. For implementation details and other information, refer to the QTouch Library User
Guide - also available for download from the Microchip website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com