Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 86 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 86 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 82Page - Microchip Technology ATMEGA640 Datasheet HTML 83Page - Microchip Technology ATMEGA640 Datasheet HTML 84Page - Microchip Technology ATMEGA640 Datasheet HTML 85Page - Microchip Technology ATMEGA640 Datasheet HTML 86Page - Microchip Technology ATMEGA640 Datasheet HTML 87Page - Microchip Technology ATMEGA640 Datasheet HTML 88Page - Microchip Technology ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 436 page
background image
86
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
13.3.7
Alternate Functions of Port G
The Port G alternate pin configuration is as follows:
Table 13-19. Overriding Signals for Alternate Functions in PF7:PF4
Signal Name
PF7/ADC7/TDI
PF6/ADC6/TDO
PF5/ADC5/TMS
PF4/ADC4/TCK
PUOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
PUOV
10
11
DDOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DDOV
0
SHIFT_IR + SHIFT_DR
0
0
PVOE
0
JTAGEN
0
0
PVOV
0
TDO
0
0
DIEOE
JTAGENJTAGENJTAGENJTAGEN
DIEOV
0
0
0
0
DI
––
––
AIO
TDI/ADC7 INPUT
ADC6 INPUT
TMS/ADC5 INPUT
TCK/ADC4 INPUT
Table 13-20. Overriding Signals for Alternate Functions in PF3:PF0
Signal Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
DIEOE
000
0
DIEOV
000
0
DI
–––
–
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 13-21. Port G Pins Alternate Functions
Port Pin
Alternate Function
PG5
OC0B (Output Compare and PWM Output B for Timer/Counter0)
PG4
TOSC1 (RTC Oscillator Timer/Counter2)
PG3
TOSC2 (RTC Oscillator Timer/Counter2)
PG2
ALE (Address Latch Enable to external memory)
PG1
RD (Read strobe to external memory)
PG0
WR (Write strobe to external memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com