Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 89 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 89 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 85Page - Microchip Technology ATMEGA640 Datasheet HTML 86Page - Microchip Technology ATMEGA640 Datasheet HTML 87Page - Microchip Technology ATMEGA640 Datasheet HTML 88Page - Microchip Technology ATMEGA640 Datasheet HTML 89Page - Microchip Technology ATMEGA640 Datasheet HTML 90Page - Microchip Technology ATMEGA640 Datasheet HTML 91Page - Microchip Technology ATMEGA640 Datasheet HTML 92Page - Microchip Technology ATMEGA640 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 436 page
background image
89
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• OC4B – Port H, Bit 4
OC4B, Output Compare Match B output: The PH4 pin can serve as an external output for the Timer/Counter2 Out-
put Compare B. The pin has to be configured as an output (DDH4 set) to serve this function. The OC4B pin is also
the output pin for the PWM mode timer function.
• OC4A – Port H, Bit 3
OC4C, Output Compare Match A output: The PH3 pin can serve as an external output for the Timer/Counter4 Out-
put Compare A. The pin has to be configured as an output (DDH3 set) to serve this function. The OC4A pin is also
the output pin for the PWM mode timer function.
• XCK2 – Port H, Bit 2
XCK2, USART2 External Clock: The Data Direction Register (DDH2) controls whether the clock is output (DDH2
set) or input (DDH2 cleared). The XC2K pin is active only when the USART2 operates in synchronous mode.
• TXD2 – Port H, Bit 1
TXD2, USART2 Transmit Pin.
• RXD2 – Port H, Bit 0
RXD2, USART2 Receive pin: Receive Data (Data input pin for the USART2). When the USART2 Receiver is
enabled, this pin is configured as an input regardless of the value of DDH0. When the USART2 forces this pin to be
an input, a logical on in PORTH0 will turn on the internal pull-up.
Table 13-25. Overriding Signals for Alternate Functions in PH7:PH4
Signal Name
PH7/T4
PH6/OC2B
PH5/OC4C
PH4/OC4B
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0
OC2B ENABLE
OC4C ENABLE
OC4B ENABLE
PVOV
0
OC2B
OC4C
OC4B
PTOE
––––
DIEOE
0000
DIEOV
0000
DI
T4 INPUT
000
AIO
––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com