Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 44 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 44 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 40Page - Microchip Technology ATMEGA640 Datasheet HTML 41Page - Microchip Technology ATMEGA640 Datasheet HTML 42Page - Microchip Technology ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology ATMEGA640 Datasheet HTML 45Page - Microchip Technology ATMEGA640 Datasheet HTML 46Page - Microchip Technology ATMEGA640 Datasheet HTML 47Page - Microchip Technology ATMEGA640 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 436 page
background image
44
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The capacitance (Ce + Ci) needed at each XTAL/TOSC pin can be calculated by using:
Ce + Ci = 2 * CL - Cs
where:
Ce - is optional external capacitors as described in Figure 10-3.
Ci - is the pin capacitance in Table 10-7 on page 43.
CL - is the load capacitance for a 32.768kHz crystal specified by the crystal vendor.
CS - is the total stray capacitance for one XTAL/TOSC pin.
Crystals specifying load capacitance (CL) higher than the ones given in the Table 10-7 on page 43, require exter-
nal capacitors applied as described in Figure 10-3.
Figure 10-3. Crystal Oscillator Connections
To find suitable load capacitance for a 32.768kHz crystal, consult the crystal datasheet.
When this oscillator is selected, start-up times are determined by the SUT Fuses and CKSEL0 as shown in Table
10-8.
Note:
1. These options should only be used if frequency stability at start-up is not important for the application.
Table 10-8.
Start-up times for the low frequency crystal oscillator clock selection
Power Conditions
Start-up Time from Power-down
and Power-save
Additional Delay from Reset
(VCC = 5.0V)
CKSEL0
SUT1:0
BOD enabled
1K CK
14CK(1)
000
Fast rising power
1K CK
14CK + 4.1ms(1)
001
Slowly rising power
1K CK
14CK + 65ms(1)
010
Reserved
0
11
BOD enabled
32K CK
14CK
1
00
Fast rising power
32K CK
14CK + 4.1ms
1
01
Slowly rising power
32K CK
14CK + 65ms
1
10
Reserved
1
11
Ce
Ci
Ce
Ci
Cs
Cs
TOSC2
TOSC1
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com