Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 57 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 57 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 53Page - Microchip Technology ATMEGA640 Datasheet HTML 54Page - Microchip Technology ATMEGA640 Datasheet HTML 55Page - Microchip Technology ATMEGA640 Datasheet HTML 56Page - Microchip Technology ATMEGA640 Datasheet HTML 57Page - Microchip Technology ATMEGA640 Datasheet HTML 58Page - Microchip Technology ATMEGA640 Datasheet HTML 59Page - Microchip Technology ATMEGA640 Datasheet HTML 60Page - Microchip Technology ATMEGA640 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 436 page
background image
57
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
12. System Control and Reset
12.1 Resetting the AVR
During reset, all I/O Registers are set to their initial values, and the program starts execution from the Reset Vec-
tor. The instruction placed at the Reset Vector must be a JMP – Absolute Jump – instruction to the reset handling
routine. If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular program
code can be placed at these locations. This is also the case if the Reset Vector is in the Application section while
the Interrupt Vectors are in the Boot section or vice versa. The circuit diagram in Figure 12-1 on page 58 shows the
reset logic. “System and Reset Characteristics” on page 360 defines the electrical parameters of the reset circuitry.
The I/O ports of the AVR are immediately reset to their initial state when a reset source goes active. This does not
require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the internal reset. This allows the
power to reach a stable level before normal operation starts. The time-out period of the delay counter is defined by
the user through the SUT and CKSEL Fuses. The different selections for the delay period are presented in “Clock
Sources” on page 40.
12.2 Reset Sources
The ATmega640/1280/1281/2560/2561 has five sources of reset:
•
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on Reset threshold (VPOT)
•
External Reset. The MCU is reset when a low level is present on the RESET pin for longer than the minimum
pulse length
•
Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and the Watchdog is enabled
•
Brown-out Reset. The MCU is reset when the supply voltage AVCC is below the Brown-out Reset threshold
(VBOT) and the Brown-out Detector is enabled
•
JTAG AVR Reset. The MCU is reset as long as there is a logic one in the Reset Register, one of the scan
chains of the JTAG system. Refer to the section “IEEE 1149.1 (JTAG) Boundary-scan” on page 295 for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com