Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 46 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 46 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 42Page - Microchip Technology ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology ATMEGA640 Datasheet HTML 45Page - Microchip Technology ATMEGA640 Datasheet HTML 46Page - Microchip Technology ATMEGA640 Datasheet HTML 47Page - Microchip Technology ATMEGA640 Datasheet HTML 48Page - Microchip Technology ATMEGA640 Datasheet HTML 49Page - Microchip Technology ATMEGA640 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 436 page
background image
46
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
10.9 External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in Figure 10-4. To run the
device on an external clock, the CKSEL Fuses must be programmed to “0000”.
Figure 10-4. External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in Table 10-15 on
page 49.
When applying an external clock, it is required to avoid sudden changes in the applied clock frequency to ensure
stable operation of the MCU. A variation in frequency of more than 2% from one clock cycle to the next can lead to
unpredictable behavior. If changes of more than 2% is required, ensure that the MCU is kept in Reset during the
changes.
Note that the System Clock Prescaler can be used to implement run-time changes of the internal clock frequency
while still ensuring stable operation. Refer to “System Clock Prescaler” on page 47 for details.
Table 10-12. Start-up Times for the 128kHz Internal Oscillator
Power Conditions
Start-up Time from Power-down and
Power-save
Additional Delay from Reset
SUT1:0
BOD enabled
6CK
14CK
00
Fast rising power
6CK
14CK + 4ms
01
Slowly rising power
6CK
14CK + 64ms
10
Reserved
11
Table 10-13. Crystal Oscillator Clock Frequency
Nominal Frequency
CKSEL3:0
0 - 16MHz
0000
Table 10-14. Start-up Times for the External Clock Selection
Power Conditions
Start-up Time from Power-down and
Power-save
Additional Delay from Reset
(VCC = 5.0V)
SUT1:0
BOD enabled
6CK
14CK
00
Fast rising power
6CK
14CK + 4.1ms
01
Slowly rising power
6CK
14CK + 65ms
10
Reserved
11
NC
EXTERNAL
CLOCK
SIGNAL
XTAL2
XTAL1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com