Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 77 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 77 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 73Page - Microchip Technology ATMEGA640 Datasheet HTML 74Page - Microchip Technology ATMEGA640 Datasheet HTML 75Page - Microchip Technology ATMEGA640 Datasheet HTML 76Page - Microchip Technology ATMEGA640 Datasheet HTML 77Page - Microchip Technology ATMEGA640 Datasheet HTML 78Page - Microchip Technology ATMEGA640 Datasheet HTML 79Page - Microchip Technology ATMEGA640 Datasheet HTML 80Page - Microchip Technology ATMEGA640 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 436 page
background image
77
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• OC1B/PCINT6, Bit 6
OC1B, Output Compare Match B output: The PB6 pin can serve as an external output for the Timer/Counter1 Out-
put Compare B. The pin has to be configured as an output (DDB6 set (one)) to serve this function. The OC1B pin is
also the output pin for the PWM mode timer function.
PCINT6, Pin Change Interrupt source 6: The PB6 pin can serve as an external interrupt source.
• OC1A/PCINT5, Bit 5
OC1A, Output Compare Match A output: The PB5 pin can serve as an external output for the Timer/Counter1 Out-
put Compare A. The pin has to be configured as an output (DDB5 set (one)) to serve this function. The OC1A pin is
also the output pin for the PWM mode timer function.
PCINT5, Pin Change Interrupt source 5: The PB5 pin can serve as an external interrupt source.
• OC2A/PCINT4, Bit 4
OC2A, Output Compare Match output: The PB4 pin can serve as an external output for the Timer/Counter2 Output
Compare. The pin has to be configured as an output (DDB4 set (one)) to serve this function. The OC2A pin is also
the output pin for the PWM mode timer function.
PCINT4, Pin Change Interrupt source 4: The PB4 pin can serve as an external interrupt source.
• MISO/PCINT3 – Port B, Bit 3
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as a master, this pin is
configured as an input regardless of the setting of DDB3. When the SPI is enabled as a slave, the data direction of
this pin is controlled by DDB3. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB3 bit.
PCINT3, Pin Change Interrupt source 3: The PB3 pin can serve as an external interrupt source.
• MOSI/PCINT2 – Port B, Bit 2
MOSI: SPI Master Data output, Slave Data input for SPI channel. When the SPI is enabled as a slave, this pin is
configured as an input regardless of the setting of DDB2. When the SPI is enabled as a master, the data direction
of this pin is controlled by DDB2. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB2 bit.
PCINT2, Pin Change Interrupt source 2: The PB2 pin can serve as an external interrupt source.
• SCK/PCINT1 – Port B, Bit 1
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as a slave, this pin is
configured as an input regardless of the setting of DDB1. When the SPI0 is enabled as a master, the data direction
of this pin is controlled by DDB1. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB1 bit.
PCINT1, Pin Change Interrupt source 1: The PB1 pin can serve as an external interrupt source.
•SS/PCINT0 – Port B, Bit 0
SS: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured as an input regardless of the
setting of DDB0. As a slave, the SPI is activated when this pin is driven low. When the SPI is enabled as a master,
the data direction of this pin is controlled by DDB0. When the pin is forced to be an input, the pull-up can still be
controlled by the PORTB0 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com