Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 43 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 43 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 39Page - Microchip Technology ATMEGA640 Datasheet HTML 40Page - Microchip Technology ATMEGA640 Datasheet HTML 41Page - Microchip Technology ATMEGA640 Datasheet HTML 42Page - Microchip Technology ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology ATMEGA640 Datasheet HTML 45Page - Microchip Technology ATMEGA640 Datasheet HTML 46Page - Microchip Technology ATMEGA640 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 436 page
background image
43
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. If 8MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8 Fuse can be pro-
grammed in order to divide the internal frequency by 8. It must be ensured that the resulting divided clock meets
the frequency specification of the device.
Notes: 1. These options should only be used when not operating close to the maximum frequency of the device, and only if
frequency stability at start-up is not important for the application. These options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability at start-up. They can
also be used with crystals when not operating close to the maximum frequency of the device, and if frequency sta-
bility at start-up is not important for the application.
10.6 Low Frequency Crystal Oscillator
The device can utilize a 32.768kHz watch crystal as clock source by a dedicated Low Frequency Crystal Oscillator.
The crystal should be connected as shown in Figure 10-3 on page 44. When this Oscillator is selected, start-up
times are determined by the SUT Fuses and CKSEL0 as shown in Table 10-8 on page 44.
The Low-Frequency Crystal Oscillator provides an internal load capacitance, see Table 10-7 at each XTAL/TOSC
pin.
Table 10-5.
Full Swing Crystal Oscillator operating modes(1)
Frequency Range [MHz]
CKSEL3:1
Recommended Range for Capacitors C1 and C2 [pF]
0.4 - 16
011
12 - 22
Table 10-6.
Start-up Times for the Full Swing Crystal Oscillator Clock Selection
Oscillator Source / Power
Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from Reset
(VCC = 5.0V)
CKSEL0
SUT1:0
Ceramic resonator,
fast rising power
258 CK
14CK + 4.1ms(1)
000
Ceramic resonator,
slowly rising power
258 CK
14CK + 65ms(1)
001
Ceramic resonator,
BOD enabled
1K CK
14CK(2)
010
Ceramic resonator,
fast rising power
1K CK
14CK + 4.1ms(2)
011
Ceramic resonator,
slowly rising power
1K CK
14CK + 65ms(2)
100
Crystal Oscillator,
BOD enabled
16K CK
14CK
1
01
Crystal Oscillator,
fast rising power
16K CK
14CK + 4.1ms
1
10
Crystal Oscillator,
slowly rising power
16K CK
14CK + 65ms
1
11
Table 10-7.
Capacitance for Low frequency oscillator
Device
32kHz oscillator
Cap (Xtal1/Tosc1)
Cap (Xtal2/Tosc2)
ATmega640/1280/1281/2560/2561
System Osc.
18pF
8pF
Timer Osc.
6pF
6pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com