Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 53 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 53 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 49Page - Microchip Technology ATMEGA640 Datasheet HTML 50Page - Microchip Technology ATMEGA640 Datasheet HTML 51Page - Microchip Technology ATMEGA640 Datasheet HTML 52Page - Microchip Technology ATMEGA640 Datasheet HTML 53Page - Microchip Technology ATMEGA640 Datasheet HTML 54Page - Microchip Technology ATMEGA640 Datasheet HTML 55Page - Microchip Technology ATMEGA640 Datasheet HTML 56Page - Microchip Technology ATMEGA640 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 436 page
background image
53
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
11.9.5
Watchdog Timer
If the Watchdog Timer is not needed in the application, the module should be turned off. If the Watchdog Timer is
enabled, it will be enabled in all sleep modes, and hence, always consume power. In the deeper sleep modes, this
will contribute significantly to the total current consumption. Refer to “Interrupts” on page 101 for details on how to
configure the Watchdog Timer.
11.9.6
Port Pins
When entering a sleep mode, all port pins should be configured to use minimum power. The most important is then
to ensure that no pins drive resistive loads. In sleep modes where both the I/O clock (clkI/O) and the ADC clock
(clkADC) are stopped, the input buffers of the device will be disabled. This ensures that no power is consumed by
the input logic when not needed. In some cases, the input logic is needed for detecting wake-up conditions, and it
will then be enabled. Refer to the section “Digital Input Enable and Sleep Modes” on page 71 for details on which
pins are enabled. If the input buffer is enabled and the input signal is left floating or have an analog signal level
close to VCC/2, the input buffer will use excessive power.
For analog input pins, the digital input buffer should be disabled at all times. An analog signal level close to VCC/2
on an input pin can cause significant current even in active mode. Digital input buffers can be disabled by writing to
the Digital Input Disable Registers (DIDR2, DIDR1 and DIDR0). Refer to “DIDR2 – Digital Input Disable Register 2”
on page 288, “DIDR1 – Digital Input Disable Register 1” on page 267, and “DIDR0 – Digital Input Disable Register
0” on page 287 for details.
11.9.7
On-chip Debug System
If the On-chip debug system is enabled by the OCDEN Fuse and the chip enters sleep mode, the main clock
source is enabled, and hence, always consumes power. In the deeper sleep modes, this will contribute significantly
to the total current consumption.
There are three alternative ways to disable the OCD system:
•
Disable the OCDEN Fuse
•
Disable the JTAGEN Fuse
•
Write one to the JTD bit in MCUCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com