Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 45 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 41Page - Microchip Technology ATMEGA640 Datasheet HTML 42Page - Microchip Technology ATMEGA640 Datasheet HTML 43Page - Microchip Technology ATMEGA640 Datasheet HTML 44Page - Microchip Technology ATMEGA640 Datasheet HTML 45Page - Microchip Technology ATMEGA640 Datasheet HTML 46Page - Microchip Technology ATMEGA640 Datasheet HTML 47Page - Microchip Technology ATMEGA640 Datasheet HTML 48Page - Microchip Technology ATMEGA640 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 436 page
background image
45
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
10.7 Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8MHz clock. Though voltage and temperature
dependent, this clock can be very accurately calibrated by the user. See Table 31-1 on page 359 and “Internal
Oscillator Speed” on page 392 for more details. The device is shipped with the CKDIV8 Fuse programmed. See
“System Clock Prescaler” on page 47 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in Table 10-9. If
selected, it will operate with no external components. During reset, hardware loads the pre-programmed calibration
value into the OSCCAL Register and thereby automatically calibrates the RC Oscillator. The accuracy of this cali-
bration is shown as Factory calibration in Table 31-1 on page 359.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Register” on page 48, it is pos-
sible to get a higher calibration accuracy than by using the factory calibration. The accuracy of this calibration is
shown as User calibration in Table 31-1 on page 359.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used for the Watchdog Timer and
for the Reset Time-out. For more information on the pre-programmed calibration value, see the section “Calibration
Byte” on page 328.
Notes: 1. The device is shipped with this option selected.
2. If 8MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8 Fuse can be pro-
grammed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in Table 10-10.
Note:
1. The device is shipped with this option selected.
10.8 128kHz Internal Oscillator
The 128kHz internal Oscillator is a low power Oscillator providing a clock of 128kHz. The frequency is nominal at
3V and 25
C. This clock may be select as the system clock by programming the CKSEL Fuses to “11” as shown in
Table 10-11.
Note:
1. Note that the 128kHz oscillator is a very low power clock source, and is not designed for high accuracy.
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in Table 10-12 on
page 46.
Table 10-9.
Internal Calibrated RC Oscillator Operating Modes(1)(2)
Frequency Range [MHz]
CKSEL3:0
7.3 - 8.1
0010
Table 10-10. Start-up times for the internal calibrated RC Oscillator clock selection
Power Conditions
Start-up Time from Power-down and
Power-save
Additional Delay from Reset
(VCC = 5.0V)
SUT1:0
BOD enabled
6CK
14CK
00
Fast rising power
6CK
14CK + 4.1ms
01
Slowly rising power
6CK
14CK + 65ms(1)
10
Reserved
11
Table 10-11. 128kHz Internal Oscillator Operating Modes(1)
Nominal Frequency
CKSEL3:0
128kHz
0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com