Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 205 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 205 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 201Page - Microchip Technology ATMEGA640 Datasheet HTML 202Page - Microchip Technology ATMEGA640 Datasheet HTML 203Page - Microchip Technology ATMEGA640 Datasheet HTML 204Page - Microchip Technology ATMEGA640 Datasheet HTML 205Page - Microchip Technology ATMEGA640 Datasheet HTML 206Page - Microchip Technology ATMEGA640 Datasheet HTML 207Page - Microchip Technology ATMEGA640 Datasheet HTML 208Page - Microchip Technology ATMEGA640 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 436 page
background image
205
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The frame format used by the USART is set by the UCSZn2:0, UPMn1:0 and USBSn bits in UCSRnB and UCS-
RnC. The Receiver and Transmitter use the same setting. Note that changing the setting of any of these bits will
corrupt all ongoing communication for both the Receiver and Transmitter.
The USART Character SiZe (UCSZn2:0) bits select the number of data bits in the frame. The USART Parity mode
(UPMn1:0) bits enable and set the type of parity bit. The selection between one or two stop bits is done by the
USART Stop Bit Select (USBSn) bit. The Receiver ignores the second stop bit. An FE (Frame Error) will therefore
only be detected in the cases where the first stop bit is zero.
22.4.1
Parity Bit Calculation
The parity bit is calculated by doing an exclusive-or of all the data bits. If odd parity is used, the result of the exclu-
sive or is inverted. The parity bit is located between the last data bit and first stop bit of a serial frame. The relation
between the parity bit and data bits is as follows:
Peven
Parity bit using even parity.
Podd
Parity bit using odd parity.
dn
Data bit n of the character.
22.5 USART Initialization
The USART has to be initialized before any communication can take place. The initialization process normally con-
sists of setting the baud rate, setting frame format and enabling the Transmitter or the Receiver depending on the
usage. For interrupt driven USART operation, the Global Interrupt Flag should be cleared (and interrupts globally
disabled) when doing the initialization.
Before doing a re-initialization with changed baud rate or frame format, be sure that there are no ongoing transmis-
sions during the period the registers are changed. The TXCn Flag can be used to check that the Transmitter has
completed all transfers, and the RXC Flag can be used to check that there are no unread data in the receive buffer.
Note that the TXCn Flag must be cleared before each transmission (before UDRn is written) if it is used for this
purpose.
The following simple USART initialization code examples show one assembly and one C function that are equal in
functionality. The examples assume asynchronous operation using polling (no interrupts enabled) and a fixed
frame format. The baud rate is given as a function parameter. For the assembly code, the baud rate parameter is
assumed to be stored in the r17:r16 Registers.
Peven
dn 1
–
d3 d2 d1 d0 0
Podd

dn 1
–
d3 d2 d1 d0 1

=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com