Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 103 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 103 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 99Page - Microchip Technology ATMEGA640 Datasheet HTML 100Page - Microchip Technology ATMEGA640 Datasheet HTML 101Page - Microchip Technology ATMEGA640 Datasheet HTML 102Page - Microchip Technology ATMEGA640 Datasheet HTML 103Page - Microchip Technology ATMEGA640 Datasheet HTML 104Page - Microchip Technology ATMEGA640 Datasheet HTML 105Page - Microchip Technology ATMEGA640 Datasheet HTML 106Page - Microchip Technology ATMEGA640 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 436 page
background image
103
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. The Boot Reset Address is shown in Table 29-7 on page 320 through Table 29-15 on page 322. For the BOOTRST
Fuse “1” means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in ATme-
ga640/1280/1281/2560/2561 is:
Table 14-2.
Reset and Interrupt Vectors Placement(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Addre
ss
Label
s
Code
Comments
0x000
0
jmp
RESET
; Reset Handler
0x000
2
jmp
INT0
; IRQ0 Handler
0x000
4
jmp
INT1
; IRQ1 Handler
0x000
6
jmp
INT2
; IRQ2 Handler
0x000
8
jmp
INT3
; IRQ3 Handler
0x000
A
jmp
INT4
; IRQ4 Handler
0x000
C
jmp
INT5
; IRQ5 Handler
0x000
E
jmp
INT6
; IRQ6 Handler
0x001
0
jmp
INT7
; IRQ7 Handler
0x001
2
jmp
PCINT0
; PCINT0 Handler
0x001
4
jmp
PCINT1
; PCINT1 Handler
0x001
6
jmp
PCINT2
; PCINT2 Handler
0X001
8
jmp
WDT
; Watchdog Timeout Handler
0x001
A
jmp
TIM2_COMPA
; Timer2 CompareA Handler
0x001
C
jmp
TIM2_COMPB
; Timer2 CompareB Handler
0x001
E
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x002
0
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x002
2
jmp
TIM1_COMPA
; Timer1 CompareA Handler
0x002
4
jmp
TIM1_COMPB
; Timer1 CompareB Handler
0x002
6
jmp
TIM1_COMPC
; Timer1 CompareC Handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com