Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 134 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 134 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 130Page - Microchip Technology ATMEGA640 Datasheet HTML 131Page - Microchip Technology ATMEGA640 Datasheet HTML 132Page - Microchip Technology ATMEGA640 Datasheet HTML 133Page - Microchip Technology ATMEGA640 Datasheet HTML 134Page - Microchip Technology ATMEGA640 Datasheet HTML 135Page - Microchip Technology ATMEGA640 Datasheet HTML 136Page - Microchip Technology ATMEGA640 Datasheet HTML 137Page - Microchip Technology ATMEGA640 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 436 page
background image
134
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Figure 17-1. 16-bit Timer/Counter Block Diagram(1)
Note:
1. Refer to Figure 1-1 on page 2, Table 13-5 on page 76, and Table 13-11 on page 80 for Timer/Counter1 and 3 and
3 pin placement and description.
17.2.1
Registers
The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B/C), and Input Capture Register (ICRn) are all
16-bit registers. Special procedures must be followed when accessing the 16-bit registers. These procedures are
described in the section “Accessing 16-bit Registers” on page 135. The Timer/Counter Control Registers
(TCCRnA/B/C) are 8-bit registers and have no CPU access restrictions. Interrupt requests (shorten as Int.Req.)
signals are all visible in the Timer Interrupt Flag Register (TIFRn). All interrupts are individually masked with the
Timer Interrupt Mask Register (TIMSKn). TIFRn and TIMSKn are not shown in the figure since these registers are
shared by other timer units.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on the Tn pin. The
Clock Select logic block controls which clock source and edge the Timer/Counter uses to increment (or decrement)
ICFn (Int.Req.)
TOVn
(Int.Req.)
Clock Select
Timer/Counter
ICRn
=
=
=
TCNTn
Waveform
Generation
Waveform
Generation
Waveform
Generation
OCnA
OCnB
OCnC
Noise
Canceler
ICPn
=
Fixed
TOP
Values
Edge
Detector
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
OCFnA
(Int.Req.)
OCFnB
(Int.Req.)
OCFnC
(Int.Req.)
TCCRnA
TCCRnB
TCCRnC
( From Analog
Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
TCLK
OCRnC
OCRnB
OCRnA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com