Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 25 of 79
HARDWARE CONFIGURATION PINS
The ADIN1300 can operate in unmanaged or managed
applications. In unmanaged applications, the desired operation
of the PHY is configured from hardware configuration pins
without any software intervention. For unmanaged applications,
do not configure the PHY to enter software power-down after
reset to ensure that the PHY immediately attempts to bring up
links as configured by the PHY_CFG1 and PHY_CFG0 hardware
configuration pins after power is applied to the device.
In managed applications, software is available to configure the
PHY via the management interface (MDIO/MDC). In this case,
it is possible to configure the PHY to enter software power-down
mode after reset, such that the PHY can be configured before
linking is attempted.
Hardware configuration pins are pins shared with functional pins
and the voltage level on the pin is sensed and latched upon
exiting from a reset. Some hardware configuration pins are
multilevel sense, while others are two-level sense. Using two
resistors, R_LO and R_HI (see Figure 27), four different voltage
levels can be sensed, as shown in Table 19. Only MODE_1 (L)
and MODE_4 (H) are relevant to the two-level sense pins and
these are implemented with a 10 kΩ pull-down resistor or a
10 kΩ pull-up resistor, respectively. Note that LED_0 must be
pulled up to the AVDD_3P3 rail rather than VDDIO.
R_LO
R_HI
VDDIO1
1AVDD_3P3 FOR LED_0
Figure 27. Hardware Configuration Pin Implementation
Note that the values listed in Table 19 assume no extra loading
from circuitry external to the ADIN1300. It is likely that some
configuration pins can be connected to a field-programmable
gate array (FPGA) input that can have its own internal pull-
up/pull-down resistor. This loads the resistor divider voltage.
Assuming a pull-up resistor >43 kΩ and a pull-down resistor
>37 kΩ, replace the 10 kΩ resistor used in MODE_1 and
MODE_4 with a 2.5 kΩ resistor.
Table 19. Configuration Modes
Mode
R_LO
R_HI
Voltage Threshold
MODE_1
10 kΩ
Open
MODE_2
10 kΩ
56 kΩ
>0.1 × VDDIO1
MODE_3
56 kΩ
10 kΩ
>0.5 × VDDIO1
MODE_4
Open
10 kΩ
>0.9 × VDDIO1
1
Note that the supply rail for the LED_0 pin is AVDD_3P3 rather than VDDIO.
Therefore, pull up any pull-up on the LED_0 pin to AVDD_3P3.
Table 19 shows recommended resistor values for the multistrap
pins with the corresponding voltage threshold range required
for each mode. Table 20 shows the voltage ranges involved for
each mode vs. VDDIO voltage. The voltage levels shown were
chosen to steer clear of standard VIH/VIL voltage levels to avoid
any shoot-through currents (and unknown voltage levels) in the
input driver of disabled devices connected to the pins. VIH/VIL
voltage levels do have voltage and device dependencies. Therefore,
it may not always be possible to avoid such artifacts.
Table 20. Voltage Levels for Modes vs. VDDIO Voltage
VDDIO1
Mode
1.8 V
(V)
2.5 V
(V)
3.3 V (LED_0 = 3.3 V)
(V)
MODE_1
<0.18
<0.25
<0.33
MODE_2
>0.18
>0.25
>0.33
MODE_3
>0.9
>1.25
>1.65
MODE_4
>1.62
>2.25
>2.97
1
Note that the supply rail for the LED_0 pin is AVDD_3P3 rather than VDDIO.
Therefore, pull up any pull-up on the LED_0 pin to AVDD_3P3.
The large resistor values recommended in Table 19 were chosen
to minimize power consumption from the resistor ladder.
Smaller value resistors can also be used, but the user must
maintain the same resistor ratios for the values used.
HARDWARE CONFIGURATION PIN FUNCTIONS
The following functions are configurable from the ADIN1300
hardware pins (see Table 21 for pin details):
•
PHY address
•
Forced/advertised PHY speed
•
Software power-down mode after reset
•
Downspeed enable
•
Energy detect power-down mode
•
EEE enable
•
Auto MDIX
•
MAC interface selection (RGMII/RMII/MII)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com