Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 17 of 79
MAC INTERFACE
The ADIN1300 provides the option of RGMII, MII, or RMII
MAC interface. The MAC interface is selected using hardware
configuration pins (see Table 25) or via software.
RGMII Interface Mode
MAC
RXC
RXD_0 TO RXD_3
RX_CTL
TXC
TXD_0 TO TXD_3
TX_CTL
PHY
Figure 20. RGMII MAC-PHY Interface Signals
The RGMII interface is capable of supporting data rates of
1 Gbps, 100 Mbps, and 10 Mbps. For the receive interface, the
ADIN1300 generates a 125 MHz, 25 MHz, or 2.5 MHz RXC
signal to synchronize the RXD_x pin receive data in 1000BASE-T,
100BASE-TX, or 10BASE-Te modes, respectively. The RX_CTL
is a combination of the RX_DV and RX_ER signals (as described
in the MII Interface Mode section) using both edges of the RXC
signal. The ADIN1300 transmits the RX_DV signal on the
positive edge of RXC and a combination (XOR function) of
RX_DV and RX_ER on the negative edge of RXC.
For the transmit interface, when operating in 1000BASE-T mode,
the MAC drives TXC with a 125 MHz clock signal. The MAC
transmits the TXD_x pin data, Bits[3:0] on the positive edge of
TXC and TXD_x pin data, Bits[7:4] on the negative edge of
TXC. In 100BASE-TX and 10BASE-Te modes, TXC is at 25 MHz
and 2.5 MHz, respectively, and the MAC transmits the TXD_x pin
data, Bits[3:0] on both edges of TXC. TX_CTL is a combination
of the TX_EN and TX_ER signals using both edges of TXC.
TX_EN is transmitted on the positive edge of TXC, and TX_EN
XOR TX_ER is transmitted on the negative edge of TXC. Due
to the fact that data is transmitted on both edges of the clock, an
accurate delay requirement of 2 ns is required on both clock
edges (see Figure 21) to ensure that the delayed clock is at the
center of the data window, ensuring accurate data capture. It is
possible to enable this 2 ns delay on RXC only or on both RXC
and TXC using hardware pin configuration settings (see Table 25).
These delays can also be configured in software. In Figure 21,
the 8 ns period refers to 1000BASE-T operation, which is 40 ns
or 400 ns in the case of 100BASE-TX and 10BASE-Te, respectively.
The 2 ns delay is valid for 10BASE-Te, 100BASE-TX, and
1000BASE-T.
D0L
TXD
(FROM MAC)
TXC
(FROM MAC)
TXC
(INTERNAL DELAY)
D1L
D0H
8ns
2ns
Figure 21. DLL Waveform
MII Interface Mode
MAC
RX_CLK
RXD_0 TO RXD_3
RX_DV
TX_CLK
TXD_0 TO TXD_3
TX_EN
PHY
RX_ER
COL
CRS
TX_ER
Figure 22. MII MAC to PHY Interface Signals
The MII interface is capable of supporting data rates of 100 Mbps
and 10 Mbps. For the receive interface, the ADIN1300 generates
a 25 MHz or 2.5 MHz RX_CLK signal to synchronize the
RXD_x pin receive data in 100BASE-TX or 10BASE-Te modes,
respectively. RX_DV indicates to the MAC that there is valid
data present on the RXD_x receive pin. RX_ER is driven high
by the ADIN1300 if an error is detected in the frame that was
received from the MDI interface and is being transmitted to the
MAC, or during a false carrier event (in 100BASE-TX mode).
The CRS pin indicates the presence of a carrier to the MAC,
while the COL pin is asserted in a collision condition.
For the transmit interface, the PHY generates a 25 MHz or
2.5 MHz reference clock on TX_CLK. The MAC transmits data
on the TXD_x transmit pin that is synchronized with TX_CLK.
The MAC asserts the TX_EN pin to indicate to the ADIN1300
that transmission data is available on the TXD_x transmit data
lines. Because the TX_ER pin is not used in 10BASE-Te mode,
and it is only used in 100BASE-TX mode for forward error
propagation and for EEE low power idle (LPI) request, TX_ER
is only supported when EEE is enabled via the hardware
configuration pins (see Table 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com