Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 54 of 79
Bits
Bit Name
Description
Reset
Access
[7:4]
LED_PAT_PAUSE_DUR
Internal LED Pattern Pause Duration for LED_0. After the blink pattern is driven out
to the LED_0 pin, the last bit is held for a duration specified by the LED pattern pause
duration register field. This duration is the value of LED tick duration (for example,
the time for each bit) multiplied by the value of the LED pattern pause duration register
field. Also see the LED_PAT register field (LED_CTRL_3 register, Address 0x001D,
Bits[7:0]) and the LED_PAT_TICK_DUR register field (LED_CTRL_3 register,
Address 0x001D, Bits[13:8]). The default blink is a 0.5 sec on and 0.5 sec off pattern.
0x0
R/W
[3:2]
LED_PUL_STR_DUR_SEL
This bit field selects the duration of the pulse stretching.
0x0
R/W
11: user-programmable. In this case, the duration of the pulse stretching is
programmable by the LED_PUL_STR_DUR register (Address 0xBC00, Bits[5:0]).
10: 102 ms.
01: 64 ms.
00: 32 ms.
1
LED_OE_N
LED Active Low Output Enable Register Bit.
0x0
R/W
1: disable LED outputs.
0: enable LED outputs.
0
LED_PUL_STR_EN
Setting this bit enables pulse stretching for transmit, receive, or collision LED events
so that very short duration events are visible. The LED pulse stretching enable register
indicates that the PHY must stretch any pulses indicating transmit, receive, or
collision. Without stretching, these pulses may be too short to cause an LED to light.
0x1
R/W
LED Control 2 Register
Address: 0x001C, Reset: 0x210A, Name: LED_CTRL_2
This register provides access to various PHY LED control register bits.
Table 55. Bit Descriptions for LED_CTRL_2
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x210
R/W
[3:0]
LED_A_CFG
LED_0 configuration is made up of five bits. These four bits, Bits[3:0], are the LSBs and Bit 4 is
from LED_A_EXT_CFG_EN (LED_CTRL_1 register, Address 0x001B). The combination of the five bits
configures LED_0, selecting one of 32 possible configuration functions according to the
following settings. The default setting is 01010 (on if link up and blink on activity).
0xA
R/W
11111: on if 10BASE-T link, blink if 100BASE-TX link.
11110: on if 10BASE-T link, blink if 1000BASE-T link.
11101: on if 100BASE-TX link, blink if 10BASE-T link.
11100: on if 100BASE-TX link, blink if 1000BASE-T link.
11011: on if 1000BASE-T link, blink if 10BASE-T link.
11010: blink if transmit.
11001: blink on activity.
11000: on if 10BASE-T or 1000BASE-T link, blink on activity.
10111: on if 10BASE-T or 1000BASE-T link.
10110: on if 100BASE-TX or 1000BASE-T link, blink on activity.
10101: on if 10BASE-T or 100BASE-TX link, blink on activity.
10100: on if 1000BASE-T link, blink on activity.
10011: on if 100BASE-TX link, blink on activity.
10010: on if 10BASE-T link, blink on activity.
10001: on if 100BASE-TX or 1000BASE-T link.
10000: on if 10BASE-T or 100BASE-TX link.
01111: off.
01110: on.
01101: blink.
01100: on if full duplex link, blink on collision.
01011: on if link, blink if receiving.
01010: on if link, blink on activity (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com