Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 64 of 79
Frame Generator Continuous Mode Enable Register
Address: 0x9417, Reset: 0x0000, Name: FG_CONT_MODE_EN
This register is used to put the frame generator into continuous mode. The default mode of operation is burst mode, where the number of
frames generated is specified by the FG_NFRM_H register and FG_NFRM_L register (Address 0x941C and Address 0x941D).
Table 87. Bit Descriptions for FG_CONT_MODE_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_CONT_MODE_EN
This bit is used to put the frame generator into continuous mode or burst mode.
0x0
R/W
1: frame generator operates in continuous mode. In this mode, the frame generator
keeps generating frames indefinitely.
0: frame generator operates in burst mode. In this mode, the frame generator generates
a single burst of frames and then stops. The number of frames in the burst is
determined by the FG_NFRM_H register and FG_NFRM_L register.
Frame Generator Interrupt Enable Register
Address: 0x9418, Reset: 0x0000, Name: FG_IRQ_EN
This register is used to enable the frame generator interrupt. An interrupt is generated when the requested number of frames has been
generated. Enable the frame checker/generator interrupt in the IRQ_MASK register. Set the FC_FG_IRQ_EN bit (Address 0x0018, Bit 7).
The interrupt status can be read via the IRQ_STATUS register, FC_FG_IRQ_STAT bit (Address 0x0019, Bit 7).
Table 88. Bit Descriptions for FG_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_IRQ_EN
When set, this bit indicates that the frame generator must generate an interrupt when it has
transmitted the programmed number of frames.
0x0
R/W
1: enable the frame generator interrupt.
0: disable the frame generator interrupt.
Frame Generator Frame Length Register
Address: 0x941A, Reset: 0x006B, Name: FG_FRM_LEN
This register specifies the MAC client data field frame length in bytes. In addition to the data field, 6 bytes are added for the source
address, 6 bytes for the destination address, 2 bytes for the length field, and 4 bytes for the frame check sequence (FCS). The total frame
length is the data field length plus 18.
Table 89. Bit Descriptions for FG_FRM_LEN
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_FRM_LEN
The Data Field Frame Length in Bytes.
0x6B
R/W
Frame Generator Number of Frames High Register
Address: 0x941C, Reset: 0x0000, Name: FG_NFRM_H
This register is Bits[31:16] of a 32-bit register that specifics the number of frames to be generated each time the frame generator is enabled
or restarted.
Table 90. Bit Descriptions for FG_NFRM_H
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_H
Bits[31:16] of the Number of Frames to be Generated.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com