Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 53 of 79
PHY Status 1 Register
Address: 0x001A, Reset: 0x0300, Name: PHY_STATUS_1
This register provides access to various PHY status registers.
Table 53. Bit Descriptions for PHY_STATUS_1
Bits
Bit Name
Description
Reset
Access
15
PHY_IN_STNDBY
A 1 indicates that the PHY is in standby state and does not attempt to bring up links. The
standby state can be used to run diagnostics, including cable diagnostics.
0x0
R
14
MSTR_SLV_FLT_STAT
Master Slave Configuration Fault Status Bit. A 1 indicates that a fault has occurred in the
resolution of master/slave. This bit is a copy of MSTR_SLV_FLT, (MSTR_SLAV_STATUS register,
Address 0x000A). Reading the MSTR_SL_FLT_STAT bit does not clear MSTR_SLV_FLT.
0x0
R
13
PAR_DET_FLT_STAT
Parallel Detection Fault Status Bit. A 1 indicates that a fault has occurred in the parallel
detection process. This bit is a copy of PAR_DET_FLT, (AUTONEG_EXP register,
Address 0x0006). Reading the PAR_DET_FLT_STAT bit does not clear PAR_DET_FLT.
0x0
R
12
AUTONEG_STAT
Autonegotiation Status Bit. A 1 indicates that autonegotiation has completed. This bit is
a copy of AUTONEG_DONE (MII_STATUS register, Address 0x0001). Reading the
AUTONEG_STAT bit does not clear AUTONEG_DONE.
0x0
R
11
PAIR_01_SWAP
A 1 indicates that Pair 0 and Pair 1 have been swapped.
0x0
R
10
B_10_POL_INV
A 1 indicates that the polarity of the 10BASE-T signal has been inverted.
0x0
R
[9:7]
HCD_TECH
This field indicates the resolved technology after the link is established.
0x6
R
111: reserved.
110: reserved.
101: speed resolved to 1000BASE-T full duplex.
100: speed resolved to 1000BASE-T half duplex.
011: speed resolved to 100BASE-TX full duplex.
010: speed resolved to 100BASE-TX half duplex.
001: speed resolved to 10BASE-T full duplex.
000: speed resolved to 10BASE-T half duplex.
6
LINK_STAT
A 1 indicates that a link is up.
0x0
R
5
TX_EN_STAT
A 1 indicates that transmit enable (TX_EN) is asserted.
0x0
R
4
RX_DV_STAT
A 1 indicates that receive data valid (RX_DV) is asserted.
0x0
R
3
COL_STAT
A 1 indicates that collision is asserted.
0x0
R
2
AUTONEG_SUP
A 1 indicates that both the local and remote PHYs support autonegotiation.
0x0
R
1
LP_PAUSE_ADV
A 1 indicates that the link partner has advertised pause. The link partner pause
advertisement bit indicates that the link partner advertised support for pause operation
on full duplex links. This bit provides the same information as LP_PAUSE_ABLE.
0x0
R
0
LP_APAUSE_ADV
A 1 indicates that the link partner has advertised asymmetric pause. The link partner
asymmetric pause advertisement bit indicates that the link partner advertised support
for asymmetric pause operation on full duplex links. This bit provides the same
information as LP_APAUSE_ABLE.
0x0
R
LED Control 1 Register
Address: 0x001B, Reset: 0x0001, Name: LED_CTRL_1
This register provides access to various PHY LED control register bits.
Table 54. Bit Descriptions for LED_CTRL_1
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R/W
10
LED_A_EXT_CFG_EN
Enable Extended Configuration Set for LED_0 Pin. Also see LED_CTRL_2 register,
Address 0x001C, Bits[3:0].
0x0
R/W
1: enable extended configuration set for LED_0 pin.
0: disable extended configuration set for LED_0 pin.
[9:8]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com