Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 71 of 79
Cable Diagnostics Fault Distance Pair 0 Register
Address: 0xBA21, Reset: 0x00FF, Name: CDIAG_FLT_DIST_0
This register provides the distance to the first fault on Pair 0.
Table 109. Bit Descriptions for CDIAG_FLT_DIST_0
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_FLT_DIST_0
This bit field provides the distance to the first fault on Pair 0 in meters. A value of 0xFF
indicates an unknown result.
0xFF
R
Cable Diagnostics Fault Distance Pair 1 Register
Address: 0xBA22, Reset: 0x00FF, Name: CDIAG_FLT_DIST_1
This register provides the distance to the first fault on Pair 1.
Table 110. Bit Descriptions for CDIAG_FLT_DIST_1
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_FLT_DIST_1
This bit field provides the distance to the first fault on Pair 1 in meters. A value of 0xFF
indicates an unknown result.
0xFF
R
Cable Diagnostics Fault Distance Pair 2 Register
Address: 0xBA23, Reset: 0x00FF, Name: CDIAG_FLT_DIST_2
This register provides the distance to the first fault on Pair 2.
Table 111. Bit Descriptions for CDIAG_FLT_DIST_2
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_FLT_DIST_2
This bit field provides the distance to the first fault on Pair 2 in meters. A value of 0xFF
indicates an unknown result.
0xFF
R
Cable Diagnostics Fault Distance Pair 3 Register
Address: 0xBA24, Reset: 0x00FF, Name: CDIAG_FLT_DIST_3
This register provides the distance to the first fault on Pair 3.
Table 112. Bit Descriptions for CDIAG_FLT_DIST_3
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_FLT_DIST_3
This bit field provides the distance to the first fault on Pair 3 in meters. A value of 0xFF
indicates an unknown result.
0xFF
R
Cable Diagnostics Cable Length Estimate Register
Address: 0xBA25, Reset: 0x00FF, Name: CDIAG_CBL_LEN_EST
This register provides an estimate of the cable length in meters based on the signal processing and is estimated during link establishment
for 100BASE-TX and 1000BASE-T.
Table 113. Bit Descriptions for CDIAG_CBL_LEN_EST
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
CDIAG_CBL_LEN_EST
This bit field provides a cable length estimate in meters. A value of 0xFF indicates an
unknown result.
0xFF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com