Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 36 of 79
APPLICATIONS INFORMATION
SYSTEM OVERVIEW
The ADIN1300 is a low power, single port Gigabit Ethernet
transceiver with latency specifications primarily designed for
industrial Ethernet applications. Figure 30 shows a basic system
block diagram. Note that the MAC Interface section must be
consulted for specific information on each MAC interface
configuration mode.
The following section captures some of the key requirements for
external component selection for use with the ADIN1300.
REXT
RESET_N
VDDIO
AVDD_3P3
MAC
ADIN1300
SYSTEM POWER
LED_0
RGMII/MII/
RMII1
MANAGEMENT
INTERFACE
3.3V
BOOTSTRAPPING
PIN CONFIGURATION
RESISTORS
MAGNETICS
EXTERNAL
CRYSTAL (25MHz1)
0.9V
3.3V/
2.5V/
1.8V
DVDD_0P9
3.01kΩ
RJ45
1000BASE-T
100BASE-TX
10BASE-Te
1FOR RMII INTERFACE A 50MHz CRYSTAL (OR CLOCK SOURCED FROM THE MAC)
IS USED TO SUPPLY THE XTAL_I/CLK_IN/REF_CLK PIN.
MDI_0_P
MDI_0_N
MDI_1_P
MDI_1_N
MDI_2_P
MDI_2_N
MDI_3_P
MDI_3_N
Figure 30. Simplified Typical Application Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com