Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 42 of 79
Bits
Bit Name
Description
Reset
Access
7
COLTEST
Collision Test Bit.
0x0
R/W
1: enable collision signal test.
0: disable collision signal test.
6
SPEED_SEL_MSB
See SPEED_SEL_LSB Bit Description.
0x1
R/W
11: reserved.
10: 1 Gbps.
01: 100 Mbps.
00: 10 Mbps.
5
UNIDIR_EN
The unidirectional enable register bit is read only and always reads as 1'b0. Transmission from
the media independent interface is only enabled when the PHY has determined that a valid
link has been established.
0x0
R
[4:0]
RESERVED
Reserved.
0x0
R
MII Status Register
Address: 0x0001, Reset: 0x7949, Name: MII_STATUS
This address corresponds to the MII status register specified in Clause 22.2.4.2 of IEEE Standard 802.3.
Table 32. Bit Descriptions for MII_STATUS
Bits
Bit Name
Description
Reset
Access
15
T_4_SPRT
The 100BASE-T4 ability bit always reads as 1'b0 because the PHY does not support
100BASE-T4.
0x0
R
14
FD_100_SPRT
The 100BASE-TX full duplex ability bit always reads as 1'b1 because the PHY supports
100BASE-TX full duplex.
0x1
R
13
HD_100_SPRT
The 100BASE-TX half duplex ability bit always reads as 1'b1 because the PHY supports
100BASE-TX half duplex.
0x1
R
12
FD_10_SPRT
The 10BASE-T full duplex ability bit always reads as 1'b1 because the PHY supports
10BASE-T full duplex.
0x1
R
11
HD_10_SPRT
The 10BASE-T half duplex ability bit always reads as 1'b1 because the PHY supports
10BASE-T half duplex.
0x1
R
10
FD_T_2_SPRT
The 100BASE-T2 full duplex ability bit always reads as 1'b0 because the PHY does not
support 100BASE-T2.
0x0
R
9
HD_T_2_SPRT
The 100BASE-T2 half duplex ability bit always reads as 1'b0 because the PHY does not
support 100BASE-T2.
0x0
R
8
EXT_STAT_SPRT
The extended status support bit always reads as 1'b1, indicating that the PHY provides
extended status information in Register 0x000F.
0x1
R
7
UNIDIR_ABLE
When zero, the unidirectional ability register bit indicates that the PHY can only
transmit data from the media independent interface when it has determined that a
valid link has been established. This bit always reads as 1'b0.
0x0
R
6
MF_PREAM_SUP_ABLE
Management Frame Preamble Suppression Ability Bit. This always reads as 1'b1
because the PHY accepts management frames with preamble suppressed.
0x1
R
5
AUTONEG_DONE
Autonegotiation Complete Bit.
0x0
R
1: autonegotiation process completed.
0: autonegotiation process not completed.
4
REM_FLT_LAT
Remote Fault Bit. When this bit goes high, it latches high until it is unlatched by reading.
0x0
R
1: remote fault condition detected.
0: no remote fault condition detected.
3
AUTONEG_ABLE
Autonegotiation Ability Bit. This bit always reads as 1'b1.
0x1
R
1: PHY is able to perform autonegotiation.
0: PHY is not able to perform autonegotiation.
2
LINK_STAT_LAT
Link Status Bit. If the link subsequently drops, this bit latches low until it is unlatched by
reading.
0x0
R
1: link is up.
0: link is down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com