Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 56 of 79
Energy Efficient Ethernet Capability Register
Address: 0x8000, Reset: 0x0006, Name: EEE_CAPABILITY
This address corresponds to the EEE capability register specified in Clause 45.2.3.9 of IEEE Standard 802.3, which, in the IEEE standard,
is at MMD Register Address 3.20. This register is used to indicate the capability of the PCS to support EEE functions for each PHY type.
Table 58. Bit Descriptions for EEE_CAPABILITY
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
EEE_10_G_KR_SPRT
The 10GBASE-KR EEE capability bit always reads as 1'b0.
0x0
R
1: EEE is supported for 10GBASE-KR.
0: EEE is not supported for 10GBASE-KR.
5
EEE_10_G_KX_4_SPRT
The 10GBASE-KX4 EEE capability bit always reads as 1'b0.
0x0
R
1: EEE is supported for 10GBASE-KX4.
0: EEE is not supported for 10GBASE-KX4.
4
EEE_1000_KX_SPRT
The 1000BASE-KX EEE capability bit always reads as 1'b0.
0x0
R
1: EEE is supported for 1000BASE-KX.
0: EEE is not supported for 1000BASE-KX.
3
EEE_10_G_SPRT
The 10GBASE-T EEE capability bit always reads as 1'b0.
0x0
R
1: EEE is supported for 10GBASE-T.
0: EEE is not supported for 10GBASE-T.
2
EEE_1000_SPRT
The 1000BASE-T EEE capability bit always reads as 1'b1.
0x1
R
1: EEE is supported for 1000BASE-T.
0: EEE is not supported for 1000BASE-T.
1
EEE_100_SPRT
The 100BASE-TX EEE capability bit always reads as 1'b1.
0x1
R
1: EEE is supported for 100BASE-TX.
0: EEE is not supported for 100BASE-TX.
0
RESERVED
Reserved.
0x0
R
Energy Efficient Ethernet Advertisement Register
Address: 0x8001, Reset: 0x0000, Name: EEE_ADV
This address corresponds to the EEE advertisement register specified in Clause 45.2.7.13 of Standard 802.3, which, in the IEEE standard,
is at MMD Register Address 7.60. This register is used to define the EEE advertisement during autonegotiation. The reset value of this
register is 0x0000 except where the hardware configuration pins are set to enable EEE. In this case, the reset value is 0x0006.
Table 59. Bit Descriptions for EEE_ADV
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
EEE_10_G_KR_ADV
The 10GBASE-KR EEE advertisement bit always reads as 1'b0.
0x0
R
1: advertise that the 10GBASE-KR has EEE capability.
0: do not advertise that the 10GBASE-KR has EEE capability.
5
EEE_10_G_KX_4_ADV
The 10GBASE-KX4 EEE advertisement bit always reads as 1'b0.
0x0
R
1: advertise that the 10GBASE-KX4 has EEE capability.
0: do not advertise that the 10GBASE-KX4 has EEE capability.
4
EEE_1000_KX_ADV
The 1000BASE-KX EEE advertisement bit always reads as 1'b0.
0x0
R
1: advertise that the 1000BASE-KX has EEE capability.
0: do not advertise that the 1000BASE-KX has EEE capability.
3
EEE_10_G_ADV
The 10GBASE-T EEE advertisement bit always reads as 1'b0.
0x0
R
1: advertise that the 10GBASE-T has EEE capability.
0: do not advertise that the 10GBASE-T has EEE capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com