Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 18 of 79
RMII Interface Mode
MAC
RXD_0 AND RXD_1
CRS_DV
RX_ER
TXD_0 AND TXD_1
TX_EN
REF_CLK
50MHz
REFERENCE
CLOCK
PHY
Figure 23. RMII MAC-PHY Interface Signals
This interface is capable of supporting 10 Mbps and 100 Mbps
data rates. A single 50 MHz reference clock (REF_CLK) is
sourced from the MAC to PHY (or from an external source) to
the XTAL_I/CLK_IN/REF_CLK pin for both the transmit and
receive interfaces.
The receive data (RXD_0 pin and RXD_1 pin), transitions
synchronously to the reference clock (REF_CLK). The carrier
sense/received data valid signal (CRS_DV) is a combination of the
CRS and RX_DV signals and is asserted while the receive medium
is nonidle. The CRS_DV is asserted asynchronously to REF_CLK
and deasserted synchronously. RX_ER is also synchronous to
REF_CLK, and is asserted when an error is detected in the
received frame or when a false carrier is detected in 100BASE-TX.
RX_ER assertion on a false carrier can be disabled by software.
The MAC transmits the TXD_0 pin and TXD_1 pin
synchronously to REF_CLK, and asserts TX_EN to indicate to
the ADIN1300 that transmission data is available on the
TXD_0 pin and TXD_1 pin lines.
AUTONEGOTIATION
The ADIN1300 includes autonegotiation capability in accordance
with IEE 802.3 Clause 28, providing a mechanism for exchanging
information between PHYs to allow link partners to agree to a
common mode of operation at the highest supported speed.
During the autonegotiation process, the PHYs advertise their
own capabilities and compares to those received from the link
partner. The concluded operating mode is the highest speed
capability and duplex setting common across the two devices.
In the event of the link being dropped, the autonegotiation
process restarts automatically.
Autonegotiation can be restarted by request through a write to
the RESTART_ANEG bit field in the MII register.
The autonegotiation process takes some time to complete,
depending on the number of pages exchanged. Clause 28 of the
IEEE 802.3 standard details the timers related to autonegotiation.
Master/Slave Resolution
For 1000BASE-T links, autonegotiation is also used to resolve
master or slave status. The PHY can be configured to prefer
master or slave through the hardware configuration or
manually configured for fixed master or slave through the
MSTR_SLV_CONTROL register, Bit 11 and Bit 12 (MAN_
MSTR_ADV bit and MAN_MSTR_SLV_EN_ADV bit,
respectively). If the user choses to manually fix this configuration,
they must configure each side of the link differently.
Polarity Inversion Correction
The ADIN1300 is capable of detecting if the proper polarity is
present on the cable and adjust the polarity if not. If polarity
inversion has been detected, it is identified in the
PHY_STATUS_1 register (see Table 53).
Automatic MDI Crossover
The ADIN1300 is capable of distinguishing if a straight or
crossover cable is connected between the link partners. The
ADIN1300 automatically detects and sets the MDI configuration
to match its receiver to that of the remote transmitter, thereby
avoiding need for crossover cables or cross-wired cables. Details
on the automatic MDI/MDIX process is included in Clause 40,
Section 40.8.2. This feature is configured through the hardware
strapping configuration (see Table 24) or, alternatively, can be
changed through software access via the MDIO interface.
AUTONEGOTIATION DISABLED
Autonegotiation is always used for a 1000BASE-T link, as
required by the IEEE standards. 10BASE-Te or 100BASE-TX
can use or disable autonegotiation. When autonegotiation is
disabled, the PHY is configured for a single speed and the user
must ensure that both sides of the link are configured properly.
See Table 23 for more details on configuring the device with
autonegotiation enabled or disabled.
If the ADIN1300 has autonegotiation enabled and the other side
of the link has autonegotiation disabled, the ADIN1300 detects
this and parallel detects, as per the IEEE standard, and attempts
to bring up a link at the speed the remote PHY is configured to.
MANAGEMENT INTERFACE
The MII management interface provides a two-wire serial
interface between a host processor or MAC and the ADIN1300,
allowing access to control and status information in the subsystem
and PHY core management registers.
The MII management interface consists of the following:
•
MDC, clock line
•
MDIO, bidirectional data line
•
PHYAD_0 pin to PHYAD_3 pin, which configures device
addresses for each PHY
•
INT_N, management interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com