Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 32 of 79
CABLE DIAGNOSTICS
The ADIN1300 has on-chip cable diagnostics capabilities. This
cable analysis can be used to detect cable impairments that may
be preventing the establishment of a gigabit link or degrading
performance and can be performed both when the link is up or
when the link is down.
Each time a 100BASE-TX or 1000BASE-T link is brought up,
the ADIN1300 reports an estimate of the cable length based on
the signal processing. This can be read in the cable diagnostics
cable length estimate register (CDIAG_CBL_LEN_EST register,
Address 0xBA25). This estimate is not available for a 10BASE-Te
link. A polarity inversion on each pair is reported in the pair
polarity inversion register bits (PHY_2_STATUS register,
Address 0x001F, Bits[13:10]) and the B_10_POL_INV bit
(PHY_STATUS_1 register, Address 0x001A). Pair swaps are
reported in the pair swap register bits (PAIR_23_SWAP bit,
Address 0x001F and PAIR_01_SWAP bit, Address 0x001A).
When the link is up, the signal quality on each pair is indicated
in the mean square error register for each pair (MSE_A,
MSE_B, MSE_C, and MSE_D registers, Address 0x8402 to
Address 0x8405, Bits[7:0]).
When the link is down, the ADIN1300 can run cable fault
detection using time domain reflectometry (TDR). By transmitting
pulses and analyzing the reflections, the PHY can detect cable
faults like opens, shorts, cross pair shorts, and the distance to
the nearest fault. The PHY can also determine that the pair is
well terminated and does not have any faults. Put the remote
PHY in a power-down state or disconnect the PHY to run cable
fault detection because remote PHY link pulses can interfere
with the analysis of the reflected pulses and can return a pair
busy result.
The cable fault detection is automatically run on all four pairs
looking at all combinations of pair faults by first putting the
PHY in standby (clear the LINK_EN bit, PHY_CTRL_3 register,
Address 0x0017) and then enabling the diagnostic clock (set the
DIAG_CLK_EN bit, PHY_CTRL_1 register, Address 0x0012).
Cable diagnostics can then be run (set the CDIAG_RUN bit in
the CDIAG_RUN register, Address 0xBA1B). The results are
reported for each pair in the cable diagnostics results registers,
CDIAG_DTLD_RSLTS_0, CDIAG_DTLD_RSLTS_1,
CDIAG_DTLD_RSLTS_2, and CDIAG_DTLD_RSLTS_3,
Address 0xBA1D to Address 0xBA20). The distance to the first
fault for each pair is reported in the cable fault distance
registers, CDIAG_FLT_DIST_0, CDIAG_FLT_DIST_1,
CDIAG_FLT_DIST_2, and CDIAG_FLT_DIST_3,
Address 0xBA21 to Address 0xBA24).
ENHANCED LINK DETECTION
The ADIN1300 supports enhanced link detection, which is early
detection and indication of link loss. This is a feature where the
received signal is monitored, and if a significant number of con-
secutive samples of the signal are not as expected, early indication
of link down is indicated. The ADIN1300 can simultaneously
monitor for a significant number of consecutive 0s, a significant
number of consecutive 1s, or a significant number of
consecutive invalid levels.
If enhanced link detection is enabled, the ADIN1300 typically
reacts to a break in the cable within 10 μs and indicates link
down via the LINK_ST pin. If enhanced link detection is not
enabled, the ADIN1300 follows the IEEE standard, and in
100BASE-TX, it can take more than either 350 ms or 750 ms in
1000BASE-T, depending if the PHY is 1000BASE-T master or
1000BASE-T slave.
Enhanced link detection is enabled for 100BASE-TX via the
enhanced link detection 100BASE-TX enable register bits
(FLD_EN register, Address 0x8E27, Bit 5, Bit 3, and Bit 1) and
for 1000BASE-T via the 1000BASE-T enhanced link detection
enable register bits (FLD_EN register, Address 0x8E27, Bit 6,
Bit 4, Bit 2, and Bit 0).
Do not enable 1000BASE-T retrain (clear the
B_1000_RTRN_EN bit, Address 0xA001) if enhanced link
detection is enabled for 1000BASE-T.
The latched status of the enhanced link detection function can
be read via the enhanced link detection status bit, FAST_
LINK_DOWN_LAT (Address 0x8E38).
START OF PACKET INDICATION
The ADIN1300 includes the detection and indication of the
start of packets (SOP) on the transmit and receive side to
support IEEE 1588 time stamp controls and give the MAC more
accurate timing information.
The transmit and receive SOP indication can be made available
at any of the following pins under software configuration:
GP_CLK, LINK_ST, INT_N, and LED_0 using the following
override control registers:
GE_IO_GP_CLK_OR_CNTRL bits, Address 0xFF3C
GE_IO_GP_OUT_OR_CNTRL bits, Address 0xFF3D
GE_IO_INT_N_OR_CNTRL bits, Address 0xFF3E
GE_IO_LED_A_OR_CNTRL bits, Address 0xFF40
The detection of the transmit SOP is done after internal PHY
FIFO so there is a fixed delay between the SOP indication at the
pin to the actual SOP at the MDI pins.
Start of packet indication is enabled via the SOP transmit and
receive enables, (set the SOP_TX_EN bit, and the SOP_RX_EN bit,
Address 0x9428).
The SOP is asserted by default on the first byte or nibble of the
frame. The SOP can be configured to be asserted when the start
frame delimitator (SFD) is detected in the frame. This is
configured by setting the SOP SFD enable bit (SOP_SFD_EN,
Address 0x9428).
The SOP indication, by default, is asserted for the duration of
the frame. The SOP can be configured to be asserted for a
programmable number of cycles. This is configured by setting
the SOP N-cycle enable bit (SOP_NCYC_EN, Address 0x9428),
and the number of cycles in this case is configured via the SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com