Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 41 of 79
Address
Name
Description
Reset
Access
0xBA1F
CDIAG_DTLD_RSLTS_2
Cable Diagnostics Results 2 Register.
0x0000
R
0xBA20
CDIAG_DTLD_RSLTS_3
Cable Diagnostics Results 3 Register.
0x0000
R
0xBA21
CDIAG_FLT_DIST_0
Cable Diagnostics Fault Distance Pair 0 Register.
0x00FF
R
0xBA22
CDIAG_FLT_DIST_1
Cable Diagnostics Fault Distance Pair 1 Register.
0x00FF
R
0xBA23
CDIAG_FLT_DIST_2
Cable Diagnostics Fault Distance Pair 2 Register.
0x00FF
R
0xBA24
CDIAG_FLT_DIST_3
Cable Diagnostics Fault Distance Pair 3 Register.
0x00FF
R
0xBA25
CDIAG_CBL_LEN_EST
Cable Diagnostics Cable Length Estimate Register.
0x00FF
R
0xBC00
LED_PUL_STR_DUR
LED Pulse Stretching Duration Register.
0x0011
R/W
PHY CORE REGISTER DETAILS
MII Control Register
Address: 0x0000, Reset: 0x1040, Name: MII_CONTROL
This address corresponds to the MII control register specified in Clause 22.2.4.1 of Standard 802.3. Note that the default reset value of this
register is dependent on the hardware configuration pins settings.
Table 31. Bit Descriptions for MII_CONTROL
Bits
Bit Name
Description
Reset
Access
15
SFT_RST
Software Reset Bit. Note that this bit is self clearing. When the reset operation is complete,
this bit returns to 1'b0.
0x0
R/W
1: PHY reset.
0: normal operation.
14
LOOPBACK
Enable/Disable Loopback Mode.
0x0
R/W
1: enable loopback mode.
0: disable loopback mode.
13
SPEED_SEL_LSB
The speed selection MSB and LSB register bits are used to configure the link speed. Note that
the default value of this register bit is configurable via the hardware configuration pins. This
allows the default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
11: reserved.
10: 1 Gbps.
01: 100 Mbps.
00: 10 Mbps.
12
AUTONEG_EN
The autonegotiation enable bit is used to enable/disable autonegotiation. Note that the
default value of this register bit is configurable via the hardware configuration pins. This
allows the default operation of the PHY to be configured in unmanaged applications.
0x1
R/W
1: enable autonegotiation process.
0: disable autonegotiation process.
11
SFT_PD
Software Power-Down Bit. Note that the default value of this register bit is configurable via
the hardware configuration pins. The PHY can be held in reset until initialized by the software.
0x0
R/W
1: software power-down.
0: normal operation.
10
ISOLATE
Isolate Bit.
0x0
R/W
1: electrically isolate PHY from MAC interface by setting MAC interface pins to tristate (even if
active).
0: normal operation.
9
RESTART_ANEG
Restart Autonegotiation Bit. Note that this bit is self clearing. When the autonegotiation
process is restarted, this bit returns to 1'b0.
0x0
R/W
1: restart the autonegotiation process.
0: normal operation.
8
DPLX_MODE
Duplex Mode Bit.
0x0
R/W
1: full duplex.
0: half duplex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com