Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 63 of 79
Frame Checker Dribble Bits Frame Count Register
Address: 0x9413, Reset: 0x0000, Name: FC_DRIBBLE_BITS_CNT
This register is a latched copy of the dribble bits frame counter register. This register is a count of received frames with a noninteger
number of nibbles in 10BASE-T mode. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the dribble bits
frame counter register is latched, which ensures that the dribble bits frame count and receive frame count are synchronized.
Table 83. Bit Descriptions for FC_DRIBBLE_BITS_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_DRIBBLE_BITS_CNT
Latched Copy of the Dribble Bits Frame Counter.
0x0
R
Frame Checker False Carrier Count Register
Address: 0x9414, Reset: 0x0000, Name: FC_FALSE_CARRIER_CNT
This register is a latched copy of the false carrier events counter register. This is a count of the number of times the BAD SSD state is
entered. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the false carrier events counter register is
latched, which ensures that the false carrier events count and receive frame count are synchronized.
Table 84. Bit Descriptions for FC_FALSE_CARRIER_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FALSE_CARRIER_CNT
Latched Copy of the False Carrier Events Counter.
0x0
R
Frame Generator Enable Register
Address: 0x9415, Reset: 0x0000, Name: FG_EN
This register is used to enable the frame generator. When the frame generator is enabled, the source of data for the PHY comes from the
frame generator and not the MAC interface. To use the frame generator, the diagnostic clock must also be enabled. Set the
DIAG_CLK_EN bit (PHY_CTRL_1 register, Address 0x0012, Bit 2).
Table 85. Bit Descriptions for FG_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_EN
When set, this bit enables the built-in frame generator.
0x0
R/W
Frame Generator Control and Restart Register
Address: 0x9416, Reset: 0x0001, Name: FG_CNTRL_RSTRT
This register provides frame generator control and restart functions.
Table 86. Bit Descriptions for FG_CNTRL_RSTRT
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
FG_RSTRT
When set, this bit restarts the frame generator. This bit is self clearing.
0x0
R/W
[2:0]
FG_CNTRL
This bit field controls the frame generator in accordance with the following encoding:
0x1
R/W
111: reserved.
110: reserved.
101: data field decrementing from 255 (decimal) to 0.
100: alternative 0x55 in the MAC client data frame field.
011: all ones in the MAC client data frame field.
010: all zeros in the MAC client data frame field.
001: random number in the MAC client data frame field.
000: no frames after completion of current frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com