Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 73 of 79
Subsystem Software Reset Configuration Enable Register
Address: 0xFF0D, Reset: 0x0000, Name: GE_SFT_RST_CFG_EN
In the event of a software reset using the GE_SFT_RST bit, the subsystem behavior depends on the setting of this register bit.
Table 117. Bit Descriptions for GE_SFT_RST_CFG_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_SFT_RST_CFG_EN
In the event of a subsystem software reset using the GE_SFT_RST bit, the subsystem
behavior depends on the setting of the GE_SFT_RST_CFG_EN bit.
0x0
R/W
1: when the GE_SFT_RST_CFG_EN bit is set, the subsystem requests a new set of
hardware configuration pin settings from the chip during the software reset sequence.
0: when GE_SFT_RST_CFG_EN is clear, the previously stored hardware configuration
pin settings are reloaded into the corresponding management registers.
Subsystem Clock Configuration Register
Address: 0xFF1F, Reset: 0x0000, Name: GE_CLK_CFG
This register allows the subsystem output clock configuration to be controlled.
Table 118. Bit Descriptions for GE_CLK_CFG
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
5
GE_CLK_RCVR_125_EN
When this bit is set, the125 MHz PHY recovered clock (or PLL clock) is driven at the
GP_CLK pin.
0x0
R/W
4
GE_CLK_FREE_125_EN
When this bit is set, the 125 MHz PHY free running clock is driven at the GP_CLK pin.
0x0
R/W
3
GE_REF_CLK_EN
When this bit is set, the 25 MHz reference clock from the crystal oscillator is driven at
the CLK25_REF pin. Note that when an external 50 MHz clock is driven at XTAL_I (for
RMII), it is divided by 2, and the divided 25 MHz reference clock is driven at the
CLK25_REF pin.
0x0
R/W
2
GE_CLK_HRT_RCVR_EN
The PHY provides a digital recovered heartbeat clock. This clock is sourced from
either the 25 MHz reference clock or the 125 MHz recovered clock depending on the
mode that the PHY is in and on the settings of certain registers. Setting
GE_CLK_HRT_RCVR_EN causes the subsystem to request the chip to drive the digital
recovered heartbeat clock at the GP_CLK pin.
0x0
R/W
1
GE_CLK_HRT_FREE_EN
The PHY provides a digital free running heartbeat clock. This clock is sourced either
from the 25 MHz reference clock or the 125 MHz free running clock depending on
the mode that the PHY is in and on the settings of certain registers. Setting
GE_CLK_HRT_FREE_EN causes the subsystem to request the chip to drive the digital
free running heartbeat clock at the GP_CLK pin.
0x0
R/W
0
GE_CLK_25_EN
When this bit is set, the 25 MHz reference clock from the crystal oscillator is driven at
the GP_CLK pin (having been processed through the digital block, and is not as clean
as the equivalent clock available at the CLK25_REF pin).
0x0
R/W
Subsystem RGMII Configuration Register
Address: 0xFF23, Reset: 0x0E07, Name: GE_RGMII_CFG
This register allows the MAC interface RGMII configuration to be controlled.
Table 119. Bit Descriptions for GE_RGMII_CFG
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x1
R
10
GE_RGMII_100_LOW_LTNCY_EN
Enable/Disable Low RGMII Latency for 100BASE-TX.
0x1
R/W
1: enable low RGMII latency for 100BASE-TX.
0: disable low RGMII latency for 100BASE-TX.
9
GE_RGMII_10_LOW_LTNCY_EN
Enable/Disable Low RGMII Latency for 10BASE-T.
0x1
R/W
1: enable low RGMII latency for 10BASE-T.
0: disable low RGMII latency for 10BASE-T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com