Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 27 of 79
PHY Address Configuration
PHY address configuration is shared with the RXD_3 pin to
RXD_0 pin and can be configured according to Table 22. Four
of the ADIN1300 pins are available for configuring the PHY
address. These are two-level configuration pins, which means
that it is possible to configure the ADIN1300 to any of the 16
available PHY addresses. In many applications, the default
address of 0x0 is used and, in that case, it may not be necessary
to configure these pins externally because the RXD_3 pin to
RXD_0 pin have weak internal pull-down resistors. This
assumes that no other system level circuitry attached to these
nodes, such as the MAC or Ethernet switch, has internal pull-up
resistors on these pins.
Table 22. PHY Address Configuration
PHY Address
PHYAD_3 Pin
PHYAD_2 Pin
PHYAD_1 Pin
PHYAD_0 Pin
0
Low
Low
Low
Low
1
Low
Low
Low
High
2
Low
Low
High
Low
3
Low
Low
High
High
4
Low
High
Low
Low
5
Low
High
Low
High
6
Low
High
High
Low
7
Low
High
High
High
8
High
Low
Low
Low
9
High
Low
Low
High
10
High
Low
High
Low
11
High
Low
High
High
12
High
High
Low
Low
13
High
High
Low
High
14
High
High
High
Low
15
High
High
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com