Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 39 of 79
REGISTER SUMMARY
The MII management interface provides a 2-wire serial
interface between a host processor or MAC and the ADIN1300
allowing access to control and status information in the subsystem
and PHY core management registers. The interface is compatible
with both IEEE Standard 802.3 Clause 22 and Clause 45
management frame structures.
The device supplements the registers specified in IEEE Standard
802.3 with an additional set of registers that are accessed
indirectly. These registers are referred to as extended
management interface (EMI) registers. The EMI registers can
be accessed using the interface specified under Clause 45.
However, for systems that do not support this interface, an
alternative access mechanism is provided using the interface
specified under Clause 22.
The PHY Core Register Summary section and the Subsystem
Register Summary section list the PHY core and subsystem
registers.
PHY CORE REGISTER SUMMARY
The PHY core registers are made up of the following three
register groupings:
•
0x0000 to 0x000F, IEEE standard registers
•
0x0010 to 0x001F, vendor specific registers
•
PHY core EMI registers at Device Address 0x1E
The IEEE standard registers and vendor specific registers are
accessed using Clause 22 access, and the EMI registers are
accessed using Clause 45 access. The ADIN1300 supports the
IEEE Clause 45 MDIO manageable device (MMD) registers
associated with EEE. These registers are all remapped to the
Device Address 0x1E, so they are available at the same device
address as the rest of the PHY extended management registers.
For systems that do not support the interface specified under
Clause 45, the EMI registers can be accessed using Clause 22
access via Register 0x0010 and Register 0x0011.
The default value of some of the registers are determined by the
value of the hardware configuration pins, which are read just after
the RESET_N pin is deasserted (see the Hardware Configuration
Pins section). This allows the default operation of the ADIN1300
to be configured in unmanaged applications. The default values
in Table 30 assume the ADIN1300 is configured as follows:
•
Auto MDIX, prefer MDI
•
Autonegotiation enabled
•
All speeds advertised
•
EEE, energy detect power-down, and downspeed disabled
•
ADIN1300 is not configured to enter software power-down
after reset
•
RGMII MAC interface selected with 2 ns internal delay on
RXC and TXC
Table 30. MDIOMAP_GEPHY Register Summary
Address
Name
Description
Reset
Access
0x0000
MII_CONTROL
MII Control Register.
0x1040
R/W
0x0001
MII_STATUS
MII Status Register.
0x7949
R
0x0002
PHY_ID_1
PHY Identifier 1 Register.
0x0283
R
0x0003
PHY_ID_2
PHY Identifier 2 Register.
0xBC30
R
0x0004
AUTONEG_ADV
Autonegotiation Advertisement Register.
0x01E1
R/W
0x0005
LP_ABILITY
Autonegotiation Link Partner Base Page Ability Register.
0x0000
R
0x0006
AUTONEG_EXP
Autonegotiation Expansion Register.
0x0064
R
0x0007
TX_NEXT_PAGE
Autonegotiation Next Page Transmit Register.
0x2001
R/W
0x0008
LP_RX_NEXT_PAGE
Autonegotiation Link Partner Received Next Page Register.
0x0000
R
0x0009
MSTR_SLV_CONTROL
Master Slave Control Register.
0x0200
R/W
0x000A
MSTR_SLV_STATUS
Master Slave Status Register.
0x0000
R
0x000F
EXT_STATUS
Extended Status Register.
0x3000
R
0x0010
EXT_REG_PTR
Extended Register Pointer Register.
0x0000
R/W
0x0011
EXT_REG_DATA
Extended Register Data Register.
0x0000
R/W
0x0012
PHY_CTRL_1
PHY Control 1 Register.
0x0002
R/W
0x0013
PHY_CTRL_STATUS_1
PHY Control Status 1 Register.
0x1041
R/W
0x0014
RX_ERR_CNT
Receive Error Count Register.
0x0000
R
0x0015
PHY_CTRL_STATUS_2
PHY Control Status 2 Register.
0x0000
R/W
0x0016
PHY_CTRL_2
PHY Control 2 Register.
0x0308
R/W
0x0017
PHY_CTRL_3
PHY Control 3 Register.
0x3048
R/W
0x0018
IRQ_MASK
Interrupt Mask Register.
0x0000
R/W
0x0019
IRQ_STATUS
Interrupt Status Register.
0x0000
R
0x001A
PHY_STATUS_1
PHY Status 1 Register.
0x0300
R
0x001B
LED_CTRL_1
LED Control 1 Register.
0x0001
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com