Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 45 of 79
Bits
Bit Name
Description
Reset
Access
6
LP_FD_10_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises 10BASE-T full duplex.
0x0
R
5
LP_HD_10_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises 10BASE-T half duplex.
0x0
R
[4:0]
LP_SELECTOR
Link Partner Selector Field. This is a 5-bit wide field, encoding 32 possible
messages. The value 0x1 indicates IEEE Standard 802.3.
0x0
R
Autonegotiation Expansion Register
Address: 0x0006, Reset: 0x0064, Name: AUTONEG_EXP
This address corresponds to the autonegotiation expansion register specified in Clause 28.2.4.1.5 of IEEE Standard 802.3.
Table 37. Bit Descriptions for AUTONEG_EXP
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
RX_NP_LOC_ABLE
The received next page location ability bit always reads as 1'b1 because received next
pages are stored in Register 0x0008.
0x1
R
1: received next page storage location is specified by Bit 5 (RX_NP_LOC).
0: received next page storage location is not specified by Bit 5 (RX_NP_LOC).
5
RX_NP_LOC
The received next page location bit always reads as 1'b1.
0x1
R
1: link partner next pages are stored in Register 0x0008.
0: link partner next pages are stored in Register 0x0005.
4
PAR_DET_FLT
Parallel Detection Fault Bit. When this bit goes high, it latches high until it is unlatched by
reading.
0x0
R
1: a fault has been detected via the parallel detection function.
0: a fault has not been detected via the parallel detection function.
3
LP_NP_ABLE
Link Partner Next Page Ability Bit.
0x0
R
1: link partner is next page capable.
0: link partner is not next page capable.
2
NP_ABLE
The next page ability bit always reads as 1'b1, indicating that the PHY supports next pages.
0x1
R
1: local device is next page capable.
0: local device is not next page capable.
1
PAGE_RX_LAT
Page Received Bit. When this bit goes high, it latches high until it is unlatched by reading.
0x0
R
1: a new page has been received.
0: a new page has not been received.
0
LP_AUTONEG_ABLE
Link Partner Autonegotiation Ability Bit.
0x0
R
1: link partner is autonegotiation capable.
0: link partner is not autonegotiation capable.
Autonegotiation Next Page Transmit Register
Address: 0x0007, Reset: 0x2001, Name: TX_NEXT_PAGE
This address corresponds to the autonegotiation next page transmit register specified in Clause 28.2.4.1.6 of IEEE Standard 802.3.
Table 38. Bit Descriptions for TX_NEXT_PAGE
Bits
Bit Name
Description
Reset
Access
15
NP_NEXT_PAGE
Next page (NP) is used by the next page function to indicate that additional next page(s)
follow. Otherwise, this is the last next page to be transmitted.
0x0
R/W
14
RESERVED
Reserved.
0x0
R
13
NP_MSG_PAGE
Message page (MP) is used by the next page function to indicate that this is a message page.
Otherwise, this is an unformatted page.
0x1
R/W
12
NP_ACK_2
Acknowledge 2 (Ack2) is used by the next page function to indicate that a device has the
ability to comply with the message.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com