Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 66 of 79
Start of Packet Receive Detection Delay Register
Address: 0x9429, Reset: 0x0000, Name: SOP_RX_DEL
This register controls the receive side SOP detection delay.
Table 95. Bit Descriptions for SOP_RX_DEL
Bits
Bit Name
Description
Reset
Access
[15:11]
SOP_RX_10_DEL_NCYC
This bit field specifies the number of cycles of the MII RX_CLK clock to delay the
received frames SOP indication for 10BASE-T links.
0x0
R/W
[10:6]
SOP_RX_100_DEL_NCYC
This bit field specifies the number of cycles of the MII RX_CLK clock to delay the
received frames SOP indication for 100BASE-TX links.
0x0
R/W
[5:0]
SOP_RX_1000_DEL_NCYC
This register field specifies the number of cycles of the receive clock (for example,
8 ns cycles) to delay the received frames SOP indication for 1000BASE-T links. It is
mainly intended to support MAC interfaces with long latency in Gigabit mode
(like SGMII) so that the received frame SOP indication is not asserted before the
MAC receives the frame.
0x0
R/W
Start of Packet Transmit Detection Delay Register
Address: 0x942A, Reset: 0x0000, Name: SOP_TX_DEL
This register controls the transmit side SOP detection delay.
Table 96. Bit Descriptions for SOP_TX_DEL
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R
[12:8]
SOP_TX_10_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames
SOP indication for 10BASE-T links. To align the transmit SOP indication assertion
close to the reference point set on the MDI pins, set this register to 5'd20.
0x0
R/W
[7:4]
SOP_TX_100_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames
SOP indication for 100BASE-TX links. To align the transmit SOP indication
assertion close to the reference point set on the MDI pins, set this register to 4'd0.
0x0
R/W
[3:0]
SOP_TX_1000_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames
SOP indication for 1000BASE-T links. To align the transmit SOP indication assertion
close to the reference point set on the MDI pins (so that the timestamping
point does not have to be adjusted at the MAC/switch side), set this register to
4'd6.
0x0
R/W
Control of FIFO Depth for MII Modes Register
Address: 0x9602, Reset: 0x0001, Name: DPTH_MII_BYTE
FIFO depth in bytes in MII modes.
Table 97. Bit Descriptions for DPTH_MII_BYTE
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
DPTH_MII_BYTE
Applies to MII modes for 10 Mbps and 100 Mbps. When set, the FIFO depth is in bytes. When
zero, the FIFO depth is in nibbles. The default value of this bit is 1. Therefore, the FIFO prefill
is set in bytes. In MII mode, because the interface is nibble based, the internal prefill in the
transmit FIFO is larger and, therefore, the latency is longer.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com